Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

76501 Datasheet(PDF) 16 Page - Wiha Tools

Part # 76501
Description  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76501 Datasheet(HTML) 16 Page - Wiha Tools

Back Button 76501 Datasheet HTML 12Page - Wiha Tools 76501 Datasheet HTML 13Page - Wiha Tools 76501 Datasheet HTML 14Page - Wiha Tools 76501 Datasheet HTML 15Page - Wiha Tools 76501 Datasheet HTML 16Page - Wiha Tools 76501 Datasheet HTML 17Page - Wiha Tools 76501 Datasheet HTML 18Page - Wiha Tools 76501 Datasheet HTML 19Page - Wiha Tools 76501 Datasheet HTML 20Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
16
Terminal Block Xeno Bits
Xeno Combination Terminal Block
Power Bits. 1/4” Hex Drive, OAL 2.0”/50mm
Item
No.
Size mm pkg. lbs.
71452
1
50
10
.24
71453
2
50
10
.25
Xeno Combination Terminal Block
Power Bit Packs, 2
” CVM S2 modified tool steel
Item
No.
Size
mm
lbs.
71455
1
50
.06
71456
2
50
.06
2 bit
pack
Wiha Stainless Steel Phillips Insert Bits & Power Bits
Stainless Steel Phillips Insert Bits, 1/4”
Item
No.
Size mm
pkg.
71133
1
25
1
71134
2
25
1
71135
3
25
1
Stainless Steel Phillips Power Bits, 1/4”
Item
No.
Size mm
pkg.
70401
1
50
1
70402
2
50
1
70405
3
50
1
Slotted/Phillips Double
End Power Bit Packs, 60mm OAL
Item
No.
mm Size mm lbs.
74304
4.5 + 1
60
.07
74308
5.5 + 2
60
.07
74310
7.0 + 3
60
.07
Phillips Double End
Power Bit Packs, 60mm OAL
Item
No.
Size Size mm lbs.
71464
1 + 1
60
.07
71465
2 + 2
60
.07
71466
3 + 3
60
.07
2 bit
pack
2 bit
pack
Wiha Phillips Power Bit Packs
714
743
714
714
711
704
Phillips Double End Bits
1/4” Hex Drive, Length 2.36”/60mm
Item
No.
Size Size mm pkg. lbs.
71404 1 x
1
60 10
.31
71414 2 x
2
60 10
.31
71424 3 x
3
60 10
.32
Slotted & Phillips Double
End Bits. 1/4” Hex Drive, Length 2.36”/60mm
Item
No.
mm Size mm pkg. lbs.
74303 4.5 x 1
60
10
.22
74306 5.5 x 2
60
10
.30
74309 7.0 x 3
60
10
.32
714
743
Wiha Phillips Power Blades & Power Blade Holder
Phillips Power Blades
S2 modified tool steel. Hardened & tempered
to HRC 60. Blades fit CentroFix power blade
handle. OAL 90mm/3.5”.
Item
No.
Size
lbs.
pkg.
76041
0
.01
1
76042
1
.02
1
76043
2
.03
1
76044
3
.04
1
760
4 Piece Phillips Blade Set
Item
Set includes:
No.
lbs.
Phillips: #0, 1, 2,
76094
.17
3 x 90mm
76094
76000 CentroFix Cushion Grip Blade Holder
Wiha-SoftFinish® impact resistant, with roll off
protection. Ergonomic cushion grip handle.
Quick release bit holder with magnet.
Item
No.
mm mm Inch mm Inch lbs.
76000
6.0 149 5.9 34.6 1.36 .26
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com