Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

76871 Datasheet(PDF) 33 Page - Wiha Tools

Part # 76871
Description  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76871 Datasheet(HTML) 33 Page - Wiha Tools

Back Button 76871 Datasheet HTML 29Page - Wiha Tools 76871 Datasheet HTML 30Page - Wiha Tools 76871 Datasheet HTML 31Page - Wiha Tools 76871 Datasheet HTML 32Page - Wiha Tools 76871 Datasheet HTML 33Page - Wiha Tools 76871 Datasheet HTML 34Page - Wiha Tools 76871 Datasheet HTML 35Page - Wiha Tools 76871 Datasheet HTML 36Page - Wiha Tools 76871 Datasheet HTML 37Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
33
74983 Power Bit Belt Pack With Slotted,
Phillips &
Bits Includes the
following 10 bits:
Slotted: 4.5, 5.5, 6.5mm
Phillips: 1, 2, 3
lbs.
: T10, T15, T20, T25
.30
74988
Power Bit Belt Pack With Slotted,
Phillips & Square Bits Includes the
following 10 bits:
Slot: 3.0, 4.5, 5.5, 6.5mm
Phillips: 1, 2, 3
lbs.
Square: 1, 2, 3
.30
Wiha Power Bit Belt Packs
24 Pc. TorqueVario-S Micro-Bit Set
Certified to EN ISO 6798, BS EN 26789,
ASME B107.14M. Set includes ergonomic
multi-component adjustable TorqueVario-S
handle, 21 Micro Bits, Micro Bit holder &
Torque adjustment tool. Packed in a compact
durable storage box.
Item No. Slotted: 1.5, 2.0, 3.0, 4.0mm
28590
lbs.
1.35
Phillips: #00, #0, #1
: T6, T7, T8, T9, T10, T15
Hex Inch: .050, 1/16, 5/64, 3/32,
7/64, 1/8, 9/64, 5/32"
28504 - Handle Range 7.5-20 In/lbs.
28590
53 Pc.
Set
53 Pc. TorqueVario-S Bit Set,
In Storage Box Certified to EN ISO 6798,
BS EN 26789, ASME B107.14M. Set includes
ergonomic multi-component adjustable
TorqueVario-S handle, 50 Insert bits,
1/4” Bit holder and Torque adjustment tool.
Item No. 28595
lbs.
2.85
Slotted: 4.5, 5.5, 6.5, 8.0mm
Phillips: #0, #1, #2, #3
: T6, T7, T8, T9, T10, T15,
T20, T25, T27, T30
Hex Inch: 1/16, 5/64, 3/32, 7/64, 1/8,
9/64, 5/32, 3/16”
Hex Metric: 1.5, 2.0, 2.5, 3.0, 4.0,
5.0, 6.0, 8.0mm
Pozidriv: #0, #1, #2, #3
Torq Set: #4, #5, #6, #8
Square: #1, #2, #3
Triwing: #0, #1, #2, #3, #4
28506-Handle Range 10 - 50 In/lbs.
28581 - 1/4” Bit Holder
28595
Wiha Adjustable TorqueControl Tool Sets In Durable Storage Box
With
Certificate
of Calibration
With Certificate
of Calibration
24 Pc. TorqueVario-S Micro-Bit Set
Certified to EN ISO 6798, BS EN 26789,
ASME B107.14M. Set includes ergonomic
multi-component adjustable TorqueVario-S
handle, 21 Micro Bits, Micro Bit holder and
Torque adjustment tool. Packed in a compact
durable storage box.
Item No. Slotted: 1.5, 2.0, 3.0, 4.0mm
28593
lbs.
1.35
Phillips: #00, #0, #1
: T6, T7, T8, T9, T10, T15
Hex Inch: .050, 1/16, 5/64, 3/32,
7/64, 1/8, 9/64, 5/32"
28501 - TorqueVario-S handle
Range 15 - 80 Inch/oz (+/- 10%)
28593
With
Certificate
of Calibration
59 Pc.
Set
59 Piece TorqueVario-S Bit Set,
In Storage Box Certified to EN ISO 6798,
BS EN 26789, ASME B107.14M. Set includes
3 ergonomic multi-component adjustable
TorqueVario-S handles, 39 Insert bits,
15 Sockets, 1/4” Bit holder, 1/4” Hex to 1/4”
Square adapter and Torque adjustment tool.
Item No. Slotted: 4.5, 5.5, 6.5mm
28589
lbs.
2.73
Phillips: #0, 1, 2
: T5, T6, T7, T8, T9, T10,
T15, T20, T25, T30
Hex Inch: .050, 1/16, 5/64, 3/32,
7/64, 1/8, 9/64, 5/32, 3/16, 7/32, 1/4”
Hex Metric: 1.5, 2.0, 2.5, 3.0,
4.0, 5.0, 6.0mm
Pozidriv: #1, 2 & Square: #1, 2, 3
Inch Sockets: 5/32, 3/16, 7/32, 1/4,
9/32, 5/16, 3/8”
Metric Sockets: 4.0, 4.5, 5.0, 5.5,
6.0, 7.0, 8.0mm
3 Handles: 15-80 Inch/oz., 5-10 &
10-50 In/lbs.
28589
With
Certificate
of Calibration
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com