Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

76871 Datasheet(PDF) 39 Page - Wiha Tools

Part # 76871
Description  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76871 Datasheet(HTML) 39 Page - Wiha Tools

Back Button 76871 Datasheet HTML 35Page - Wiha Tools 76871 Datasheet HTML 36Page - Wiha Tools 76871 Datasheet HTML 37Page - Wiha Tools 76871 Datasheet HTML 38Page - Wiha Tools 76871 Datasheet HTML 39Page - Wiha Tools 76871 Datasheet HTML 40Page - Wiha Tools 76871 Datasheet HTML 41Page - Wiha Tools 76871 Datasheet HTML 42Page - Wiha Tools 76871 Datasheet HTML 43Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
39
ESD Safe Cushion Grip Bit Holders
ESD Safe Stubby 1/4” Bit Holder
With Ring Retainer, Wiha-SoftFinish®
Cushion Grip Handle, IEC 61340-5-1,
DIN 3126, ISO 1173 Dissipative SoftFinish®
cushion grip handle, multi-component,
ESD Safe surface resistance 106 - 109 Ohm.
28180
Item
No.
Inch mm Inch lbs. pkg.
28180
1/4”
57
2.2
.11 1
ESD Safe Quick Release 1/4” Bit
Holder, With Wiha-SoftFinish® Cushion Grip
Handle, IEC 61340-5-1, DIN 3126, ISO 1173
Stainless steel with retaining ring bit holder.
Dissipative SoftFinish® cushion grip handle,
multi-component, ESD Safe surface
resistance 106 - 109 Ohm.
38701
Item
No.
Inch mm Inch mm Inch lbs. pkg.
38701 1/4” 148 5.8
38 1.5
.24 1
Surface resistance of handles is 106 - 109 Ohms
For working on static
sensitive components
Dissipative material offers protection
against electrostatic discharge
38790
ESD Safe 1/4” Quick Release
Blade Holder Set 20 Pc. Set With
Interchangeable Blades & Quick
Release Blade Holder Extension
Blades are CVM tool steel, hardened.
Item No. 38790
lbs. .67
Slotted: 2.5, 3.0, 3.5, 4.0, 5.5, 6.5mm
Phillips: 0, 1, 2
TORX®: T6, T7, T8, T9, T10, T15
Pozidriv®: 0, 1, 2
In Durable
Pouch
Surface
resistance
of handle is
106 - 109
Ohms
Bit holders
without magnetics
D
D
D
D
ESD
Safe
Micro Bit Handle Storage Slotted &
Phillips Bit Set, 7 Pcs. Wiha precision
storage handle & 6 interchangeable bits.
Item No. Set with Precision Storage Handle
75981
Slotted: 1.2, 1.5, 2.0mm
lbs. .12
Phillips: 000, 00, 0
75981
Micro Bit Handle Storage
Bit Set, 7 Pcs. Wiha precision storage handle
& 6 interchangeable bits.
Item No. Set with Precision Storage Handle
75985
: T3, T4, T5, T6, T7, T8
lbs. .12
75985
Micro Bit Handle Storage Hex Inch
Bit Set, 7 Pcs. Wiha precision storage handle
& 6 interchangeable bits.
Item No. Set with Precision Storage Handle
75983
Hex Inch: .050, 1/16, 5/64,
lbs. .12
3/32, 7/64, 1/8”
75983
Micro Bit Handle Stoarge Sets
Bits hardened for
extreme durability
Micro precision
bits on 4mm
hex drive
Bits of exclusive
CRM-72 tool steel
Storage handle
SYS 4 Micro Bit Storage Handle
Accepts SYS 4 Series bits. 108mm/4.25” OAL
Item
No.
mm
Inch
lbs.
75805
4.0
.1574 .05
75805
Insert New Bit
3
ClicFix Bit Holder,
Magnetic For Insert Bits
Item
No.
Size Size mm Inch lbs. pkg.
71490 1/4” 1/4” 60 2.4
.07 1
71491 1/4” 1/4” 75 2.9
.07 1
714
• Narrow Profile
• One handed bit changes
• Internal bit lock mechanism
Pull
Sleeve
Forward
Remove
Bit
Pull Sleeve
Back To
Lock
High Precision Tool Holder
1
2
CentroFix Bit Holder
Item
No.
Size Size mm Inch lbs. pkg.
71480
1/4” 1/4” 60 2.4 .09
1
71480
Quick release tool
holder for Drills,
Countersinks
& Power bits
4
Wiha Magnetic Bit Holders
Mini Bit Ratchet & ClicFix Set
Extra fine 72 tooth ratchet, rugged drop forged
steel. ClicFix quick release holder, precision
narrow profile, magnetic. Accepts 1/4” Bits.
Item No.
Includes Phillips: #2
38060
lbs. .28
38060
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com