Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2102. Datasheet(PDF) 2 Page - Multicomp Pro

Part # 2N2102.
Description  Bipolar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2N2102. Datasheet(HTML) 2 Page - Multicomp Pro

  2N2102. Datasheet HTML 1Page - Multicomp Pro 2N2102. Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page <2>
V1.1
13/09/19
Bipolar Transistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Note 1. Pulse Test: Pulse Width % 300μs, Duty Cycle % 1%
Part Number Table
Description
Part Number
Bipolar Transistor, NPN, 1A, 65V, TO-39
2N2102
Dimensions
A
B
C
D
E
F
G
H
J
K
L
Min.
8.5 7.74 6.09 0.4
-
2.41 4.82 0.71 0.73 12.7
42º
Max.
9.39 8.50 6.6 0.53 0.88 2.66 5.33 0.86 1.02
-
48º
Dimensions : Millimetres
Parameter
Symbol Test Conditions
Min. Max. Unit.
DC Current Gain
hfe
Vce = 10V, Ic = 10mA, Ta = -55ºC
20
-
-
Vce = 10V, Ic = 500mA
25
-
-
Vce = 10V, Ic = 1A
10
-
-
Collector-Emitter Saturation Voltage
Vce(sat)
Ic = 150mA, Ib = 15mA
-
0.5
V
Base-Emitter Saturation Voltage
Vbe(sat)
Ic = 150mA, Ib = 15mA
-
1.1
V
Small-Signal Characteristics
Current Gain-Bandwidth Product
ft
Vce = 10V, Ic = 50mA, f = 20MHz
60
-
MHz
Output Capacitance
Cobo
Vcb = 10V, Ie = 0, f = 1MHz
-
15
pF
Input Capacitance
Cibo
Vbe = 500mV, Ic = 0, f = 1MHz
-
80
pF
Small-Signal Current Gain
hfe
Vce = 5V, Ic = 1mA, f = 1kHz
30
100
-
Noise Figure
NF
Vce = 10V, Ic = 100 µA, f = kHz, Rs = 1kΩ
-
6
dB
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com