Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2102. Datasheet(PDF) 1 Page - Multicomp Pro

Part # 2N2102.
Description  Bipolar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2N2102. Datasheet(HTML) 1 Page - Multicomp Pro

  2N2102. Datasheet HTML 1Page - Multicomp Pro 2N2102. Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.1
13/09/19
Bipolar Transistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description:
This is a Silicon NPN transistor in a TO-39 type case designed primarily for
amplifier and switching applications. This device features high breakdown
voltage low leakage current, low capacity, and beta useful over an extremely
wide current range.
Parameter
Symbol Test Conditions
Min. Max. Unit.
OFF Characteristics
Collector-Emitter Breakdown Voltage
V(br)ceo
Ic = 100mA, Ib = 0
65
-
V
Collector-Base Breakdown Voltage
V(br)cbo
Ic = 100µA, Ie = 0
120
-
Emitter-Base Breakdown Voltage
V(br)ebo
Ie = 100µA, Ic = 0
7
-
Collector-Cut-Off Current
Icbo
Vcb = 60V, Ie = 0
-
0.002
µA
Vcb = 60V, Ie = 0, Ta = +150ºC
-
2
Emitter Cut-Off Current
Iebo
Vbe = 5V, Ic = 0
-
0.002
On Characteristics (Note 1)
DC Current Gain
hfe
Vce = 10V, Ic = 0.1mA
20
-
-
Vce = 10V, Ic = 10mA
35
-
-
Vce = 10V, Ic = 150mA
40
120
-
Absolute Maximum Ratings:
Characteristic
Symbol
Rating
Collector-Base Voltage
Vcbo
120V
Collector-Emitter Voltage
Vceo
65V
Emitter - Base Voltage
Vebo
7V
Continuous Collector Current
Ic
1A
Total Device Dissipation (Tc = +25°C)
Derate above 25°C
Pd
800mW
4.6mW/°C
Total Device Dissipation (Tc = +25°C)
Derate above 25°C
Pd
5W
28.6mW/°C
Operating Junction Temperature Range
Tj
-65°C to +200°C
Storage Temperature Range
Tstg
-65°C to +200°C
Thermal Resistance, Junction-to-Case
Rthjc
35°C/W
Thermal Resistance, Junction-to-Ambient
Rthjc
175°C/W
Lead Temperature
(During Soldering, 1/16” from case, 60sec max.)
Tl
300°C
Electrical Characteristics: (Ta = +25ºC Unless otherwise specified)


Similar Part No. - 2N2102.

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N2102 STMICROELECTRONICS-2N2102 Datasheet
48Kb / 4P
EPITAXIAL PLANAR NPN
Dec-2002
logo
Boca Semiconductor Corp...
2N2102 BOCA-2N2102 Datasheet
118Kb / 1P
AMPLIFIER TRANSISTOR NPN SILICON
logo
Micro Electronics
2N2102 MICRO-ELECTRONICS-2N2102 Datasheet
147Kb / 2P
COMPLEMEMTARY SILICON AF MEDIUM POWER AMPLIFIERS & SWITCHES
logo
Seme LAB
2N2102 SEME-LAB-2N2102 Datasheet
16Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
logo
New Jersey Semi-Conduct...
2N2102 NJSEMI-2N2102 Datasheet
153Kb / 1P
Diode TP-39
More results

Similar Description - 2N2102.

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
Bipolar Transistor
May, 2013
EN2007C ONSEMI-EN2007C Datasheet
354Kb / 7P
Bipolar Transistor
August, 2013
EN2511B ONSEMI-EN2511B Datasheet
385Kb / 9P
Bipolar Transistor
September, 2013
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
Bipolar Transistor
September, 2013
EN6912D ONSEMI-EN6912D Datasheet
424Kb / 10P
Bipolar Transistor
September, 2013
EN6913B ONSEMI-EN6913B Datasheet
436Kb / 10P
Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
Bipolar Transistor
September, 2013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com