Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53-5165. Datasheet(PDF) 1 Page - Multicomp Pro

Part # 53-5165.
Description  1” Tweeter 50 Watt RMS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

53-5165. Datasheet(HTML) 1 Page - Multicomp Pro

  53-5165. Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
09/03/22
1” Tweeter
50 Watt RMS
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Specifications
Dimensions
: 104mm
Impedance
: 6Ω
Input
: Max. 50W
Sensitivity
: 91±2 δB/W/M, 2.45V
Frequency Range
: FO ~ 20000Hz
Sine Wave Test
: 2.83V
Weight
: 500 grams
Life Test
: 8H, EIA white noise
Face Plate
: Plastic
Voice Coil
Diameter
: 25.4mm
Length
: 1.4mm
Layer
: 2mm
Former Material
: Aluminium (ASV)
Wire Material
: Copper clad Aluminium (SVW)
Membrane
: Aluminium
Surround
: Silk
Magnet
Diameter
: 70mm
Height
: 15mm
Material
: Ferrite
Weight
: 228g
Gap(H)
: 2mm
Front Plate (H)
: 3mm
Parameters
DC Resistance
: Re: 5.2Ω
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
1” Tweeter, 50 Watt RMS, 6Ω
53-5165


Similar Part No. - 53-5165.

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
53-5150 MULTICOMP-53-5150 Datasheet
658Kb / 1P
Tweeter
10/03/22 V1.0
More results

Similar Description - 53-5165.

ManufacturerPart #DatasheetDescription
logo
Power-One
CUS509 POWER-ONE-CUS509 Datasheet
42Kb / 2P
1 WATT
logo
ANADIGICS, Inc
ADR3410 ANADIGICS-ADR3410 Datasheet
785Kb / 8P
50 ??High Linearity 1 Watt Amplifier
04/2003
logo
RCD COMPONENTS INC.
135X-R10 RCD-135X-R10 Datasheet
47Kb / 1P
PRECISION POWER WIREWOUND RESISTORS SILICONE COATED 1/2 WATT TO 50 WATT
FR1P-R100-KB RCD-FR1P-R100-KB Datasheet
32Kb / 1P
FAILSAFE FUSE RESISTORS 1/2 WATT to 50 WATT
logo
XP Power Limited
IQ1515SA XPPOWER-IQ1515SA Datasheet
103Kb / 1P
1 Watt
logo
Recom International Pow...
RPR50-11005S-B RECOM-RPR50-11005S-B Datasheet
615Kb / 6P
50 Watt 4:1 Baseplate Style Single Output
RPR50-11012S-B RECOM-RPR50-11012S-B Datasheet
615Kb / 6P
50 Watt 4:1 Baseplate Style Single Output
RPR50-11024S-B RECOM-RPR50-11024S-B Datasheet
615Kb / 6P
50 Watt 4:1 Baseplate Style Single Output
logo
Pasternack Enterprises,...
PE6178 PASTERNACK-PE6178_16 Datasheet
440Kb / 4P
1 Watt RF Load Up to 50 GHz
logo
List of Unclassifed Man...
53-1221 ETC-53-1221 Datasheet
34Kb / 2P
1.75“Titainium Dome Compression Tweeter Driver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com