Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2984 Datasheet(PDF) 42 Page - Analog Devices

Part # LTC2984
Description  Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2984 Datasheet(HTML) 42 Page - Analog Devices

Back Button LTC2984 Datasheet HTML 38Page - Analog Devices LTC2984 Datasheet HTML 39Page - Analog Devices LTC2984 Datasheet HTML 40Page - Analog Devices LTC2984 Datasheet HTML 41Page - Analog Devices LTC2984 Datasheet HTML 42Page - Analog Devices LTC2984 Datasheet HTML 43Page - Analog Devices LTC2984 Datasheet HTML 44Page - Analog Devices LTC2984 Datasheet HTML 45Page - Analog Devices LTC2984 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 78 page
background image
LTC2984
42
2984fb
For more information www.linear.com/LTC2984
Example: Standard 4-Wire RTD (No Rotation or RSENSE
Sharing)
Standard 4-wire RTD channel assignments follow the
general convention shown in Figure 16. Terminal 1 is
tied to ground, terminals 2 and 3 (Kelvin sensed signal)
tie to CHRTD and CHRTD-1, and the 4th terminal ties to the
sense resistor. Channel assignment data (see Table 29)
is mapped to memory locations corresponding to CHRTD.
Sense resistor channel assignments follow the general
convention shown in Figure 17. The sense resistor is tied
between CHRSENSE and CHSENSE-1, where CHRSENSE is
tied to the 4th terminal of the RTD. Channel assignment
data (see Table 37) is mapped into a memory location
corresponding to CHRSENSE.
Figure 18 shows a typical temperature measurement
system using a 4-wire RTD. In this example, a 4-wire
APPLICATIONS INFORMATION
Figure 16. 4-Wire RTD Channel Assignment Convention
Figure 17. Sense Resistor Channel Assignment Convention for
4-Wire RTDs
2984 F16
3
4
1
2
CHRTD-1
CHRTD
CHRSENSE
4TH TERMINAL TIES TO SENSE RESISTOR (CHRSENSE)
EXCITATION
CURRENT
FLOW
= CHRTD (2 ≤ RTD ≤ 20)
CHANNEL
ASSIGNMENT
2984 F17
CHRSENSE-1
CHRSENSE
RSENSE
EXCITATION
CURRENT
FLOW
= CHRSENSE (2 ≤ RSENSE ≤ 20)
CHANNEL
ASSIGNMENT
RTD’s terminals tie to GND, CH13, CH12, and CH11. The
sense resistor ties to CH11 and CH10. The sense resis-
tor and RTD share a common connection at CH11. The
RTD sensor type and configuration data are assigned to
CH13. 32 bits of binary configuration data are mapped
directly into memory locations 0x230 to 0x233 (see
Table 44). The sense resistor is assigned to CH11. The
user-programmable value of this resistor is 5000.2Ω.
32 bits of binary configuration data are mapped directly
into memory locations 0x228 to 0x22B (see Table 46).
A conversion is initiated on CH13 by writing 10001101
into the data byte at memory location 0x000. Once the
conversion is complete, the INTERRUPT pin goes HIGH
and memory location 0x000 becomes 01001101. The
resulting temperature in °C can be read from memory
locations 0x040 to 0x043 (corresponding to CH13).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com