Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2984 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC2984
Description  Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2984 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC2984 Datasheet HTML 20Page - Analog Devices LTC2984 Datasheet HTML 21Page - Analog Devices LTC2984 Datasheet HTML 22Page - Analog Devices LTC2984 Datasheet HTML 23Page - Analog Devices LTC2984 Datasheet HTML 24Page - Analog Devices LTC2984 Datasheet HTML 25Page - Analog Devices LTC2984 Datasheet HTML 26Page - Analog Devices LTC2984 Datasheet HTML 27Page - Analog Devices LTC2984 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 78 page
background image
LTC2984
24
2984fb
For more information www.linear.com/LTC2984
EEPROM READ OPERATION
The LTC2984 EEPROM read operation is comprised of
4 steps (see Figure 6)
APPLICATIONS INFORMATION
Figure 6. Read Operation
2984 F06
WRITE EEPROM KEY
TO LTC2984
CHECK EEPROM
READ RESULT
CODE
DONE
USER DEFINED
EEPROM
ERROR HANDLER
SEND EEPROM READ COMMAND
(COMMAND 22)
WAIT FOR EEPROM
COMMAND TO COMPLETE
LTC2984
READY
ELSE
PASS: READ
RESULT CODE == 0
Table 11. LTC2984 EEPROM Related Registers
ADDRESS
REGISTER NAME
DESCRIPTION
0x0B0
EEPROM Key [3] (MSB) EEPROM Key byte 3 – Set to 0xA5
0x0B1
EEPROM Key [2]
EEPROM Key byte 2 – Set to 0x3C
0x0B2
EEPROM Key [1]
EEPROM Key byte 1 – Set to 0x0F
0x0B3
EEPROM Key [0] (LSB)
EEPROM Key byte 0 – Set to 0x5A
0x0D0
EEPROM Read
Result Code
This register indicates the Pass/Fail
status of the most recent EEPROM
read operation
0x00 = PASS
0xFF = FAIL
0x0F9
EEPROM Status
Register
See LTC2984 EPROM Status
Register Tables 12 and 13
Table 12. LTC2984 EEPROM Related Commands and Status
B7 B6 B5 B4 B3 B2 B1 B0 DESCRIPTION
1
0
0
1
0
1
0
1 EEPROM Write Command –
Transfer the contents of user
memory locations 0x200–0x3CF
to the on-chip shadow EEPROM
1
0
0
1
0
1
1
0 EEPROM Read Command –
Transfer the contents of the on-
chip shadow EEPROM to user
memory locations 0x200–0x3CF
Table 13. EEPROM Status Bits
EEPROM STATUS BIT
DESCRIPTION
ECC Used
Error Correcting Code Used – This bit indicates
that ECC was used to correct data on one or more
locations during the EEPROM read process (Note 1)
ECC Failure
Error Correcting Code Failure – This bit indicates
that ECC failed to correct data on one or more
locations during the EEPROM read process. If this
bit is set one or more locations has invalid data
(Note 1)
Program Failure
Program Failure – This bit indicates that a write
data error occurred on one or more locations
during the EEPROM programming process
(Note 1)
Checksum Error
Checksum Error – This bit indicates that a
checksum error occurred during the EEPROM
read process (Note 1)
Note 1: Once bits in the EEPROM status register are set they will remain
set until cleared by the user. The EEPROM status register bits are cleared
by writing 0x00 to address 0x0F9. These bits are also cleared on reset and
after exiting sleep mode.
Table 14. LTC2984 EEPROM Status Register (Address 0x0F9)
7
6
5
4
3
2
1
0
–
–
–
–
Checksum
Error
Program
Failure
ECC
Failure
ECC
Used
1. SetEEPROMKey.WritetheEEPROMKey(0xA53C0F5A)
to the key register space of the LTC2984 USER RAM
(Address range 0x0B0–0x0B3, see Tables 5, 7 and 11).
Note the key is written MSB first.
2. SendEEPROMReadCommand.WritetheEEPROMread
command (0x16) and start bit (0x80) to the LTC2984
commandregister(Address0x000).Thecommandplus
start bit would be 0x80 + 0x16 = 0x96 (see Table 12).
3. Wait for EEPROM Command to Complete. Completion
of the read operation is indicated by both the interrupt
pin going HIGH and the status register START bit going
LOW and DONE bit going HIGH.
4. Check EEPROM Read Result Code. Read the EEPROM
read result code register address (0x0D0) to determine
the pass/fail status of the read operation. A value of zero
indicatesthatthecommandcompletedsuccessfullyand
a non-zero value indicates that an error has occurred.
Additional read operation status bits are also available
in the EEPROM Status Register (see Tables 13 and 14).
Upon successful completion of steps 1–4, USER RAM
locations 0x200–0x3CF will now contain the data that was
stored in the LTC2984’s shadow EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com