Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4100694 Datasheet(PDF) 4 Page - Labfacility Ltd

Part # 4100694
Description  Pt100 Probe, PTFE Lead
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

4100694 Datasheet(HTML) 4 Page - Labfacility Ltd

  4100694 Datasheet HTML 1Page - Labfacility Ltd 4100694 Datasheet HTML 2Page - Labfacility Ltd 4100694 Datasheet HTML 3Page - Labfacility Ltd 4100694 Datasheet HTML 4Page - Labfacility Ltd 4100694 Datasheet HTML 5Page - Labfacility Ltd 4100694 Datasheet HTML 6Page - Labfacility Ltd 4100694 Datasheet HTML 7Page - Labfacility Ltd 4100694 Datasheet HTML 8Page - Labfacility Ltd 4100694 Datasheet HTML 9Page - Labfacility Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PRODUCT DATA
www.labfacility.co.uk
info@labfacility.co.uk
Industrial, Mineral Insulated
Thermocouples
Type K, Mineral insulated, flexible, stainless steel
sheathed thermocouple probe with PTFE insulated tails
Specifications
Sensor Type
Thermocouple type K to IEC60584
Probe material
310 stainless steel with welded tip. Mineral insulated
conductors with insulated junction
Tip temperature Rating
-40°C to 1100°C
Probe termination
Pot seal, M8 x 1.0mm thread, 25mm long
Pot temperature Rating
200°C maximum
Termination lead
PTFE insulated tails, 7/0.2mm, 100mm long
Dimensions & Codes
Probe dia (mm) Probe length (mm)
Farnell Code
Lab Code
0.5
250
4248170
XF-327-FAR
0.5
500
4248181
XF-328-FAR
Data Ref: FAR5a



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com