Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4100694 Datasheet(PDF) 1 Page - Labfacility Ltd

Part # 4100694
Description  Pt100 Probe, PTFE Lead
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

4100694 Datasheet(HTML) 1 Page - Labfacility Ltd

  4100694 Datasheet HTML 1Page - Labfacility Ltd 4100694 Datasheet HTML 2Page - Labfacility Ltd 4100694 Datasheet HTML 3Page - Labfacility Ltd 4100694 Datasheet HTML 4Page - Labfacility Ltd 4100694 Datasheet HTML 5Page - Labfacility Ltd 4100694 Datasheet HTML 6Page - Labfacility Ltd 4100694 Datasheet HTML 7Page - Labfacility Ltd 4100694 Datasheet HTML 8Page - Labfacility Ltd 4100694 Datasheet HTML 9Page - Labfacility Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PRODUCT DATA
www.labfacility.co.uk
info@labfacility.co.uk
Pt100 Probe, PTFE Lead
Pt100 sensing resistor in stainless steel sheath,
PTFE insulated extension lead
Specifications
Sensor type
Pt100 Class B, 4 wire to IEC 60751
Probe material
Stainless steel, welded tip
Tip temperature rating
-50°C to 250°C
Termination
Flying lead & tails
Extension cable
PTFE insulated screened, 4 core, 1 metre
Dimensions & Codes
Probe length
Probe dia.
Farnell Code
Lab Code
150mm
3mm
4100670
XF-314-FAR
250mm
3mm
4100682
XF-315-FAR
Data Ref: FAR1


Similar Part No. - 4100694

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
4100 CANDD-4100 Datasheet
172Kb / 1P
Toroidal Surface Mount Inductors
logo
Powerbox
4100 POWERBOX-4100 Datasheet
353Kb / 1P
10W - 33KV SINGLEOUTPUT DC / DC INDUSTRIAL
logo
Cypress Semiconductor
4100 CYPRESS-4100 Datasheet
987Kb / 43P
Programmable System-on-Chip (PSoC짰)
logo
Murata Power Solutions ...
4100 MURATA-PS-4100 Datasheet
186Kb / 2P
Toroidal Surface Mount Inductors
logo
3M Electronics
4100 3M-4100 Datasheet
31Kb / 8P
Single-Coated Foam Tapes
More results

Similar Description - 4100694

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6366 POMONA-6366 Datasheet
51Kb / 1P
Test Lead Set Probe To Retractable Sheath
logo
List of Unclassifed Man...
BU-7042-F-44-0 ETC2-BU-7042-F-44-0 Datasheet
239Kb / 1P
Dual Tip Probe Test Lead
79696035 ETC2-79696035 Datasheet
260Kb / 4P
Thermocouple / Pt100 Pt100 probe Class B max : 200 째C Pt100 probe Class B with sheath - St. steel 316 L 횠 6 mm : 200 mm longSilicon teflon cable : 2 m long - 3-wire assembly
logo
TT Electronics.
DS2532 TTELEC-DS2532 Datasheet
284Kb / 1P
PT100 Sensor
logo
3M Electronics
5490 3M-5490 Datasheet
176Kb / 2P
PTFE Extruded Film Tape
Oct-2016
logo
Keystone Electronics Co...
11114 KEYSTONE-11114 Datasheet
235Kb / 1P
PTFE FORK INSULATED TERMINAL
11.12.07
logo
SparkFun Electronics
SPX-16770 SPARKFUN-SPX-16770 Datasheet
249Kb / 3P
Qwiic PT100 - ADS122C04
7????0
logo
Schneider Electric
TM5SAI2PH SCHNEIDER-TM5SAI2PH Datasheet
248Kb / 7P
Analog input module, Modicon TM5, 2I, temperature probe PT100/ PT1000, 16bits
Apr 6, 2022
TM5SAI4PH SCHNEIDER-TM5SAI4PH Datasheet
266Kb / 7P
Analog input module, Modicon TM5, 4I, temperature probe PT100/ PT1000, 16bits
Apr 6, 2022
logo
List of Unclassifed Man...
MIKROE-2885 ETC-MIKROE-2885 Datasheet
362Kb / 2P
PT100 3 wire temperature probe
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com