Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEEFK1C472AM Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEEFK1C472AM
Description  Aluminum Electrolytic Capacitors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEFK1C472AM Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEEFK1C472AM Datasheet HTML 1Page - Panasonic Semiconductor EEEFK1C472AM Datasheet HTML 2Page - Panasonic Semiconductor EEEFK1C472AM Datasheet HTML 3Page - Panasonic Semiconductor EEEFK1C472AM Datasheet HTML 4Page - Panasonic Semiconductor EEEFK1C472AM Datasheet HTML 5Page - Panasonic Semiconductor EEEFK1C472AM Datasheet HTML 6Page - Panasonic Semiconductor EEEFK1C472AM Datasheet HTML 7Page - Panasonic Semiconductor EEEFK1C472AM Datasheet HTML 8Page - Panasonic Semiconductor EEEFK1C472AM Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
FK series (High temperature Lead-Free refloww) (Medium-size)
Endurance : 105
℃ 5000 h
*1: Ripple current (100 kHz
 / +105 ℃)
*2: Impedance (100 kHz / +20
℃)
*3: tan δ (120 Hz / +20
℃)
・ Please refer to the page of "Reflow Profile" and "The Taping Dimensions".
Characteristics list
Min.
Packaging
Q'ty (pcs)
Taping
13.5
13.5
10
330
470
100
12.5
16.0
13.5
16.5
16.5
13.5
13.5
16.5
16.5
13.5
13.5
6.3
13.8
100
68
80
63
470
680
68
100
47
1000
1500
2200
3300
1000
390
470
560
680
330
470
150
50
18.0
16.5
13.5
16.5
16.5
13.5
16.5
16.5
13.5
16.5
16.5
12.5
16.0
18.0
12.5
12.5
12.5
16.5
16.0
16.5
16.5
13.5
35
25
16
12.5
16.8
16.8
13.8
13.8
12.5
1500
3300
4700
16.8
16.8
13.5
150
16.8
13.8
150
220
0.12
0.12
0.12
0.12
0.12
0.14
EEEFK1E152AM
EEEFK1E222AM
EEEFK1E332AM
EEEFK1V471AQ
EEEFK1V681AQ
EEEFK1V102AM
EEEFK1V152AM
EEEFK1H331AQ
EEEFK1E102AQ
0.16
0.16
330
220
0.073
0.073
0.073
0.16
0.16
0.082
0.08
0.32
500
0.17
K16
16.8
H13
H13
H13
J16
13.8
16.5
18.0
917
500
16.8
0.06
0.06
0.035
0.035
0.073
0.12
0.12
J16
H13
2060
1100
Ripple
current*1
(mA rms)
Impe-
dance*2
(Ω)
K16
2060
1610
1800
1800
H13
H13
J16
J16
J16
900
1610
1610
1100
1800
900
1610
1100
1800
1800
16.8
J16
16.8
13.8
J16
K16
H13
16.5
16.8
Vibration-proof
product
Part No.
0.06
EEEFK0J682AV
EEEFK1A222AV
EEEFK1A472AV
0.033
0.18
0.035
0.035
0.22
EEEFK0J682AM
EEEFK1A222AQ
EEEFK1A472AM
EEEFK0J332AV
EEEFK1A682AM
EEEFK1C332AM
0.20
EEEFK0J332AQ
0.035
0.06
0.035
0.033
0.06
Specification
EEEFK1A682AV
EEEFK1C152AQ
0.06
EEEFK1C472AM
0.30
0.36
0.21
0.25
0.29
0.16
0.035
0.033
EEEFK1C472AV
EEEFK1C152AV
1100
1800
tan δ*3
Standard
Product
1100
1800
2060
1100
(9)
(9)
(9)
(9)
(9)
(9)
(9)
(10)
EEEFK1C332AV
EEEFK1H331AV
EEEFK1V152AV
EEEFK1E102AV
EEEFK1E152AV
EEEFK1E222AV
EEEFK1V102AV
EEEFK1V471AV
EEEFK1V681AV
EEEFK1E332AV
(9)
(9)
(9)
(9)
(9)
(9)
(9)
(9)
(9)
125
125
(11)
18.0
1000
16.0
16.0
16.0
12.5
12.5
16.0
18.0
12.5
16.0
13.5
13.5
16.5
16.5
16.5
16.5
16.5
(10)
EEEFK1H681AV
EEEFK1H102AV
125
125
125
200
200
125
125
200
200
200
125
200
125
125
200
125
125
200
125
(10)
200
125
0.12
0.12
(10)
(10)
125
(11)
(11)
(11)
(11)
(11)
(11)
(11)
200
125
125
200
200
125
EEEFK1H471AM
EEEFK1H561AM
EEEFK1H391AV
EEEFK1H471AV
EEEFK1H561AV
(10)
125
800
800
1410
680
1500
EEEFK1J221AQ
EEEFK1J151AV
125
125
H13
EEEFK1H391AQ
0.12
0.12
0.12
16.0
16.0
H13
J16
J16
K16
H13
H13
J16
J16
Rated
voltage
(V)
12.5
16.0
12.5
16.0
16.0
16.0
18.0
12.5
3300
6800
2200
4700
Capacitance
(±20 %)
(μF)
Case size
(mm)
Vibration-
proof
Standard
L
øD
6800
18.0
13.8
13.5
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
EEEFK2A221AM
K16
16.8
EEEFK2A331AM
0.07
EEEFK2A470AV
EEEFK2A680AV
EEEFK2A331AV
EEEFK2A101AV
EEEFK2A151AV
0.07
0.07
16.8
0.32
917
(11)
(11)
13.8
0.153
793
EEEFK2A151AM
0.07
500
EEEFK1H681AM
EEEFK1H102AM
EEEFK1J151AQ
500
0.32
0.10
0.08
EEEFK1J471AM
EEEFK1J681AM
EEEFK1K680AQ
0.10
0.10
0.10
1690
H13
J16
J16
K16
793
16.8
16.8
13.8
H13
J16
K16
500
793
917
Should a safety concern arise regarding this product, please be sure to contact us immediately.
06-Dec-19
H13
J16
H13
16.8
13.8
16.8
16.8
16.8
13.8
13.8
16.8
16.8
13.8
13.8
12.5
12.5
16.0
EEEFK2A221AV
16.8
16.5
13.8
16.8
0.153
EEEFK1K101AQ
EEEFK1K151AQ
EEEFK1K331AM
EEEFK1K471AM
0.08
0.08
0.08
EEEFK2A470AQ
EEEFK2A680AQ
EEEFK2A101AM
0.07
0.32
0.17
0.07
0.153
0.17
0.32
0.08
200
200
200
125
(10)
(10)
(10)
EEEFK1K471AV
EEEFK1J221AV
EEEFK1J471AV
EEEFK1J681AV
EEEFK1K680AV
EEEFK1K101AV
EEEFK1K151AV
EEEFK1K331AV
(10)
(11)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com