Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEEFK1C472AM Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEEFK1C472AM
Description  Aluminum Electrolytic Capacitors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEFK1C472AM Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEEFK1C472AM Datasheet HTML 1Page - Panasonic Semiconductor EEEFK1C472AM Datasheet HTML 2Page - Panasonic Semiconductor EEEFK1C472AM Datasheet HTML 3Page - Panasonic Semiconductor EEEFK1C472AM Datasheet HTML 4Page - Panasonic Semiconductor EEEFK1C472AM Datasheet HTML 5Page - Panasonic Semiconductor EEEFK1C472AM Datasheet HTML 6Page - Panasonic Semiconductor EEEFK1C472AM Datasheet HTML 7Page - Panasonic Semiconductor EEEFK1C472AM Datasheet HTML 8Page - Panasonic Semiconductor EEEFK1C472AM Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
● Endurance:105 ℃ 5000 h
● Vibration-proof product (30G guaranteed) is available upon request
● AEC-Q200 compliant
● RoHS compliant
Example
:6.3 V 3300 μF
Marking color : BLACK
Unit
:V
Unit
:mm
・The dimensions of the vibration-proof products, please refer to the page of the mounting specification.
Aluminum Electrolytic Capacitors
Surface Mount Type
FK series (Medium-size)
High temperature Lead-Free reflow (suffix : A
✽)
Features
Specifications
Frequency correction factor for ripple current
Marking
Dimensions
2
±20 % (120 Hz / +20
℃)
Leakage current
I
≦ 0.01 CV(μA) After 2 minutes
Please see the attached characteristics list
Capacitance range
47 μF to 6800 μF
63
Category temp. range
–55
℃ to +105 ℃
Rated voltage range
16 25 35 50
Within the initial limit
35
j
A
C
E
V
18.0
H13
J16
K16
Leakage current
Within the initial limit
Dissipation factor (tan δ)
13.5±0.5 13.5
R. voltage code
50
63
17.0
19.0
6.7
Frequency (Hz)
6.3 V to 100 V
Characteristics
at low temperature
Rated voltage (V)
Z (–25
℃) / Z (+20 ℃)
Z (–40
℃) / Z (+20 ℃)
Z (–55
℃) / Z (+20 ℃)
6.3
Capacitance tolerance
2
2
2
3
3
3
3
3
3
Shelf life
Endurance
Dissipation factor (tan δ)
6.7
15.0 max.
19.0 max.
21.0 max.
Size code
K
P
W
I
H
A, B
L
12.5
K
Dissipation factor (tan δ)
≦ 200 % of the initial limit
Leakage current
0.70±0.3
16.0
following limits.
After reflow soldering and then being stabilized at +20
℃, capacitors shall meet the
øD
0.70±0.3
16.5±0.5
Correction factor
0.75
0.90
0.95
1.00
4.4
6.7
0.90±0.3
1.20±0.3
stabilized at +20
℃, capacitors shall meet the limits specified in endurance.
After applying rated working voltage for 5000 hours at +105
℃ ± 2 ℃ and then being
100 k to
Capacitance change
10
stabilized at +20
℃, capacitors shall meet the following limits.
Capacitance change
Within ±30 % of the initial value
3
2
After storage for 1000 hours at +105
℃ ± 2 ℃ with no voltage applied and then being
(With voltage treatment)
Within the initial limit
4
3
3
3
3
3
100
(Impedance ratio at 120 Hz)
3
2
2
2
80
2
3
3
06-Dec-19
4
10
16
25
120
1 k
10 k
4.7
5.5
80
100
H
2A
6.3
J
Resistance to
soldering heat
Should a safety concern arise regarding this product, please be sure to contact us immediately.
4
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
16.5±0.5
1.20±0.3
0.70±0.3
Within ±10 % of the initial value
0.3 max.
L
A
±0.2
W
3300
j FK
Pressure Relief
Negative polarity marking (–)
Capacitance (μF)
Series identification
Rated voltage code
Lot number
Mark for Lead-Free
products (Black dot)
()Reference size


Similar Part No. - EEEFK1C472AM

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEEFK1C472AM PANASONIC-EEEFK1C472AM Datasheet
254Kb / 4P
Aluminum Electrolytic Capacitors/Medium-size FK
Jul. 2008
EEEFK1C472AM PANASONIC-EEEFK1C472AM Datasheet
247Kb / 4P
Aluminum Electrolytic Capacitors/Medium-size FK
EEEFK1C472AM PANASONIC-EEEFK1C472AM Datasheet
62Kb / 2P
Aluminum Electrolytic Capacitors/Medium-size FK
EEEFK1C472AM PANASONIC-EEEFK1C472AM Datasheet
260Kb / 5P
Aluminum Electrolytic Capacitors/Medium-size FK
EEEFK1C472AM PANASONIC-EEEFK1C472AM Datasheet
62Kb / 2P
Aluminum Electrolytic Capacitors/Medium-size FK
More results

Similar Description - EEEFK1C472AM

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com