Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEUFC1C152S Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # EEUFC1C152S
Description  Aluminum Electrolytic Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFC1C152S Datasheet(HTML) 5 Page - Panasonic Semiconductor

  EEUFC1C152S Datasheet HTML 1Page - Panasonic Semiconductor EEUFC1C152S Datasheet HTML 2Page - Panasonic Semiconductor EEUFC1C152S Datasheet HTML 3Page - Panasonic Semiconductor EEUFC1C152S Datasheet HTML 4Page - Panasonic Semiconductor EEUFC1C152S Datasheet HTML 5Page - Panasonic Semiconductor EEUFC1C152S Datasheet HTML 6Page - Panasonic Semiconductor EEUFC1C152S Datasheet HTML 7Page - Panasonic Semiconductor EEUFC1C152S Datasheet HTML 8Page - Panasonic Semiconductor EEUFC1C152S Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Aluminum Electrolytic Capacitors (Radial Lead Type)
Endurance : 105 ℃ 1000 h / ø4 to ø6.3, 105 ℃ 2000 h / ø8, 105 ℃ 3000 h / ø10, 105 ℃ 5000 h / ø12.5 to ø18
*1: Ripple current (100 kHz / +105 ℃)
*2: Impedance (100 kHz / +20 ℃)
・ When requesting taped product, please put the letter "B" or "H" be tween the "( )".
  Lead wire pitch ✽B=5 mm, 7.5 mm, H=2.5 mm.
・ Please refer to the page of “Taping dimensions”.
5.0
11.0
5.0
7.0
4.0
7.0
FC-A series
Rated
voltage
(V)
Capacitance
(±20 %)
(μF)
Case size
(mm)
Specification
øD
Straight Taping
✽B
L
Ripple
current*1
(mA rms)
Impe-
dance*2
(Ω)
Endu-
rance
(h)
Lead
dia.
(ød)
Characteristics list
Lead length (mm)
120 0.950 1000
8.0
15.0
8.0
11.5
8.0
11.5
6.3
11.2
5.0
11.0
10.0 16.0
0.60
5.0
5.0
1050 0.068 3000
2000
995 0.065
1050 0.068 3000
5.0
5.0
0.60
3.5
5.0
1200
10.0 25.0 1440
5.0
175 0.800 1000
5.0
10.0 25.0
0.60
1000
10.0 20.0
0.60
1440 0.045 3000
3000
5.0
5.0
8.0
20.0
Should a safety concern arise regarding this product, please be sure to contact us immediately.
20-Dec-19
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
12.5 20.0
0.60
5.0
—
10.0 30.0
0.60
200 500
—
1945 0.030 5000
5000
2000 0.038
1945 0.030 5000
5.0
200 2000
200 2000
175 0.800 1000
290 0.350 1000
175 0.800 1000
200 2000
200 2000
200 2000
200 0.450 1000
EEUFC1C470( )
555 0.117
290 0.350 1000
3.5
5.0
200 2000
200 1000
0.60
555 0.117 2000
555 0.117 2000
5.0
200 1000
200 1000
EEUFC1C271( )
EEUFC1C331( )
200 500
200 1000
200 500
755 0.090 3000
755 0.090 3000
730 0.085 2000
0.60
5.0
5.0
EEUFC1C391( )
EEUFC1C471L( )
EEUFC1C471( )
—
—
—
1205 0.065 5000
0.052 3000
0.60
5.0
5.0
0.60
5.0
5.0
1220
0.60
5.0
5.0
—
200 500
200 1000
200 500
EEUFC1C681( )
200 500
200 500
—
0.60
200 500
200 500
200 500
—
0.80
3000
0.045 3000
2000
5.0
5.0
65
1655 0.038 5000
2.000 1000
1815 0.035
1690 0.043 5000 0.80
7.5
7.5
1220 0.052
5.0
15.0
25.0
5.0
6.3
6.3
8.0
10.0
10.0
18.0
12.5
11.0
7.0
11.2
11.5
12.5
12.5
16.0 15.0
12.5 15.0
10.0 20.0
10.0 16.0
Part No.
Min. Packaging
Q'ty (PCS)
Lead space
Straight
leads
Taping
Taping
✽H
200 2000
200 2000
EEAFC1C150( )
EEAFC1C270( )
5.0
5.0
2.5
2.5
1.5
2.0
100 250
200 500
100 250
100
—
100 250
EEUFC1C472S( )
EEUFC1C562L
EEUFC1C562
EEUFC1C682
200 500
100 250
100
—
100 250
100
—
EEUFC1C152L
EEUFC1C152( )
50
—
100 250
100
—
100 250
100
—
50
—
100 250
100 250
EEUFC1C332S( )
100
—
EEUFC1C392( )
EEUFC1C392S( )
EEUFC1C472
5000
5000
5000
5000
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
7.5
7.5
5.0
7.5
5000
5000
5000
5000
5000
0.80
0.80
0.80
0.80
0.80
5000
5000
5000
5000
5000
0.80
0.80
0.80
0.80
0.80
2490 0.028
2555 0.022
2490 0.028
0.025
2205 0.029
2510 0.022
12.5 30.0
16.0 20.0
12.5 35.0
18.0 20.0
16.0 25.0
18.0 35.5
18.0 20.0
16.0 31.5
18.0 25.0
16.0 35.5
18.0 31.5
3680 0.015
16.0 15.0
12.5 25.0
16.0 20.0
EEUFC1C221( )
EEUFC1C821( )
EEUFC1C821S( )
EEUFC1C102S( )
EEUFC1C561( )
EEUFC1C681L( )
16.0 40.0
3150 0.016
3635 0.016
3360 0.015
3010 0.018
2740 0.020
1690 0.043
2205 0.029
2310
EEUFC1C102( )
EEUFC1C822
7.5
—
7.5
7.5
—
7.5
—
7.5
7.5
7.5
—
0.80
0.80
—
—
2.5
2.5
2.5
2.5
2.5
2.5
—
—
—
—
—
—
—
EEUFC1C560( )
EEAFC1C560( )
EEUFC1C680( )
EEUFC1C101( )
EEUFC1C121( )
EEUFC1C182( )
EEUFC1C182S( )
EEUFC1C222( )
EEUFC1C222S( )
EEUFC1C272L
EEUFC1C272( )
EEUFC1C332
—
—
—
EEUFC1C152S( )
—
—
EEUFC1C122( )
EEUFC1C122S( )
5.0
5.0
5.0
5.0
5.0
5.0
5.0
7.5
5.0
2.0
2.0
2.5
2.0
2.5
2.5
3.5
3.5
5.0
3.5
7.5
5.0
5.0
7.5
5.0
7.5
5.0
7.5
2200
1800
7.5
7.5
7.5
7.5
7.5
7.5
0.45
0.45
0.50
0.50
0.45
0.50
0.50
0.50
0.60
0.60
0.60
0.60
0.80
0.60
0.60
0.80
1500
6800
16
68
100
120
220
270
330
390
560
47
820
27
15
680
470
56
8200
5600
4700
3900
3300
2700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com