Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEUFC1C152S Datasheet(PDF) 16 Page - Panasonic Semiconductor

Part # EEUFC1C152S
Description  Aluminum Electrolytic Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFC1C152S Datasheet(HTML) 16 Page - Panasonic Semiconductor

Back Button EEUFC1C152S Datasheet HTML 9Page - Panasonic Semiconductor EEUFC1C152S Datasheet HTML 10Page - Panasonic Semiconductor EEUFC1C152S Datasheet HTML 11Page - Panasonic Semiconductor EEUFC1C152S Datasheet HTML 12Page - Panasonic Semiconductor EEUFC1C152S Datasheet HTML 13Page - Panasonic Semiconductor EEUFC1C152S Datasheet HTML 14Page - Panasonic Semiconductor EEUFC1C152S Datasheet HTML 15Page - Panasonic Semiconductor EEUFC1C152S Datasheet HTML 16Page - Panasonic Semiconductor EEUFC1C152S Datasheet HTML 17Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Aluminum Electrolytic Capacitors (Radial lead Type)
2.8 Circuit board cleaning
(1) Circuit boards can be immersed or ultrasonically cleaned using suitable cleaning solvents for up to
5 minutes and up to 60 ℃ maximum temperatures. The boards should be thoroughly rinsed and dried.
The use of ozone depleting cleaning agents is not recommended for the purpose of protecting our
environment.
【Target solvent】
Pine Alpha ST-100S, Aqua Cleaner 210SEP, Clean-thru 750H / 750L / 710M, Sunelec B-12,
Sunelec B-12, Cold Cleaner P3-375, Techno Cleaner 219, DK Be-clear CW-5790,
Telpene Cleaner EC-7R, Technocare FRW-17 / FRW-1 / FRV-1
(2) Avoid using the following solvent groups unless specifically allowed in the specification ;
(a) Halogenated based solvents : may permeate the seal and cause internal corrosion.
Especially, 1-1-1 trichloroethane must not be used on any aluminum electrolytic capacitors.
(b) Alkaline based solvents : may dissolve and react to the aluminum case.
(c) Petroleum based solvents : may deteriorate the sealing rubber.
(d) Xylene
: may deteriorate the sealing rubber.
(e) Acetone
: may erase the markings.
(3) A thorough drying after cleaning is required to remove residual cleaning solvents that may be trapped
between the capacitor and the circuit board. Avoid drying temperatures, which exceed the upper category
temperature of the capacitor.
(4) Monitor the contamination levels of the cleaning solvents during use in terms of electrical conductivity,
pH, specific gravity, and water content. Inside the capacitor may corrode with high density of chlorine.
Control the flux density in the cleaning agent to be less than 2 mass%.
(5) Depending on the cleaning method, the marking on a capacitor may be erased or blurred.
※ Please consult us if you are not certain about acceptable cleaning solvents or cleaning methods.
2.9 Mounting adhesives and coating agents
When using mounting adhesives or coating agents to control humidity, avoid using materials containing
halogenated solvents. Also, avoid the use of chloroprene based polymers.
Cure or dry out the coating agents thoroughly, and do not leave any solvents. Make sure to dry out cleaning agents
completely immediately after washing the circuit board if the capacitors are mounted afterward, so that the solvents
are not left under the capacitor body. Also, leave more than 1/3 of the sealing portion open, and do not cover that
portion with any adhesives or coating.
2.10 Potting and molding
Potting and molding processes cannot be recommended. They have potential risks to change the capacitor’s
performance and reliability due to injection pressure, diffused material into the capacitor, as well as heat
accumulation by covered resin. Also, evaporated electrolyte may remain inside the resin, then turn to liquid, and
possibly short circuit PCB patterns.
2.11 Fumigation
In exporting electronic appliances with aluminum electrolytic capacitors, in some cases fumigation treatment
using such halogen compound as methyl bromide is conducted for wooden boxes.
If such boxes are not dried well, the halogen left in the box is dispersed while transported and enters in the
capacitors inside. This possibly causes electrical corrosion of the capacitors. Therefore, after performing fumigation
and drying make sure that no halogen is left. Don’t perform fumigation treatment to the whole electronic
appliances packed in a box.
2.12 Flux
If you use a halogen type (Chlorine type, Bromine type, etc.) high-activity flux, please use it after confirmation
in advance, as it may have an impact on performance and reliability of this product due to the residue of the flux.
3. Precautions for using capacitors
3.1 Environmental conditions
Capacitors should not be stored or used in the following environments.
(1) Exposure to temperatures above the upper category or below the lower category temperature of the capacitor.
(2) Direct contact with water, salt water, or oil.
(3) High humidity conditions where water could condense on the capacitor.
(4) Exposure to toxic gases such as hydrogen sulfide, sulfuric acid, nitric acid, chlorine, chlorine compound,
bromine, bromine compound or ammonia.
(5) Exposure to ozone, radiation, or ultraviolet rays.
(6) Vibration and shock conditions exceeding specified requirements.
Even within the specified requirements, a large vibration acceleration may be applied due to resonance,
so be sure to evaluate and confirm with the actual product.
01-Oct-21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com