Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

632-S.. Datasheet(PDF) 2 Page - Linemaster Switch Corporation

Part # 632-S..
Description  CLIPPER FOOT SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEMASTER [Linemaster Switch Corporation]
Direct Link  https://linemaster.com/
Logo LINEMASTER - Linemaster Switch Corporation

632-S.. Datasheet(HTML) 2 Page - Linemaster Switch Corporation

  632-S.. Datasheet HTML 1Page - Linemaster Switch Corporation 632-S.. Datasheet HTML 2Page - Linemaster Switch Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www .linemast er . c om
Agency
Approvals
EN 60529
Degree of
Protection
Single
Cat. No.
Circuit
Wide Treadle
Cat. No.
Circuit
Twin
Cat. No.
Circuit
Description
Form Electrical Ratings
IP20
632-S
SPDT
642-S
SPDT
TWIN 632-S
SPDT
Each Side
Momentary
C
20A 125-250 VAC
1 H.P. 125-250 VAC
IP20
632-SC31
SPST
Wired N.O.
-----------------
-------------
-----------------
------------
Momentary
A
15A 125 VAC
3/4 H.P. 125 VAC
IP20
632-SC363
SPST
Wired N.O.
-----------------
-------------
-----------------
------------
Momentary
A
10A 125-250 VAC
1/2 H.P. 125-250 VAC
IP20
633-S
SPDT DBt
643-S
SPDT DBt
-----------------
------------
Momentary
Z
20A 125-250 VAC
3/4 H.P. 125 VAC
1 H.P. 250 VAC
IP20
635-S
DPDT
645-S
DPDT
TWIN 635-S
DPDT
Each Side
Momentary
C
15A 125 VAC
10A 250 VAC
1/2 H.P. 125-250 VAC
IP20
636-S
SPDT
Each Stage
646-S
SPDT
Each Stage
-----------------
-------------
Two Stage
Momentary
C
IP20
632-DA
SPDT
642-DA
SPDT
-----------------
-------------
Maintained
C
20A 125-250 VAC
1 H.P. 125-250 VAC
IP20
632-DC3A1
SPST
Wired N.O.
-----------------
-------------
-----------------
------------
Maintained
C
15A 125 VAC
3/4 H.P. 125 VAC
IP20
634-DA
DPDT
-----------------
-------------
-----------------
-------------
Maintained
C
10A 125-250 VAC
1/8 H.P. 125 VAC
1/4 H.P. 250 VAC
IP20
638-S
SPDT
-----------------
-------------
-----------------
-------------
Momentary
C
10A 125-250 VAC
1/2 H.P. 125-250 VAC
IP20
638-SC382
SPST
Wired N.O.
-----------------
-------------
-----------------
-------------
Momentary
A
1
Supplied with 8 ft. 14/3 cord and 3 prong series plug; green lead grounded. 2 Supplied with 8 ft. 16/3 cord, wired N.O. with green lead grounded. 3Supplied with 6 ft. 18/3 cord.
t
DB Double Break models must be wired to equal voltage sources and the same polarity. The loads should be on the same sides of the line.
Size (HxWxD): 1.50 x 3.50 x 4.50 in.
Weight: 2.25 lbs.
Clipper - Single
Size (HxWxD): 1.78 x 7.00 x 5.50 in.
Weight: 3.25 lbs.
Clipper - Wide Treadle
Size (HxWxD): 1.78 x 8.38 x 4.25 in.
Weight: 5.00 lbs.
Clipper - Twin
FEATURES:
• Constructed of cast iron for long life
• Adjustable strain relief connector
• Durable black finish
• Non-skid base pad
• Model 632-DA can be used to control lighting
• Model 638-S features a cast aluminum housing
painted alert orange with a splash resistant interior
• Wide treadle models have 2 holes for rigid mounting
to floor or equipment
• Twin models have 4 holes for rigid mounting to floor
or equipment
• Divider Bar on twin models aids in reducing accidental
operation of multiple pedals at once
• Wide treadle models offer a large 7 inch target for the
operator’s foot
• Airval models available
• Heavy gauge steel guard available
• Orange or black vinyl boots available for single models
to provide protection against dirt, liquids, and bad weather



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com