Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

632-S.. Datasheet(PDF) 1 Page - Linemaster Switch Corporation

Part # 632-S..
Description  CLIPPER FOOT SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEMASTER [Linemaster Switch Corporation]
Direct Link  https://linemaster.com/
Logo LINEMASTER - Linemaster Switch Corporation

632-S.. Datasheet(HTML) 1 Page - Linemaster Switch Corporation

  632-S.. Datasheet HTML 1Page - Linemaster Switch Corporation 632-S.. Datasheet HTML 2Page - Linemaster Switch Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CLIPPER
F OO T
SWIT CH
www .linemast er . c om
The Clipper foot switch was designed with
an ergonomic shape and cast iron housing
that will stand the test of time. One of
Linemaster’s most popular foot switches,
the Clipper, is offered in single, wide treadle
and multi-pedal versions. The wide treadle
Clipper switch offers the end user a 7
inch wide target to feel for when trying to
depress the pedal. The Clipper has been
the foot switch of choice in many different
applications ranging from material handling
to operating communication equipment.
Available in custom switch variations with
momentary or maintained actuation to
suit the changing needs of our customers.
Only from LINEMASTER® - American made
innovation at work.
LINEMASTER Switch Corporation
Tel (860) 974-1000
29 Plaine Hill Road, P.O. Box 238
Woodstock, Connecticut 06281-0238 USA
Fax (800) 974-FOOT(3668)


Similar Part No. - 632-S..

ManufacturerPart #DatasheetDescription
logo
Linemaster Switch Corpo...
632-S LINEMASTER-632-S Datasheet
226Kb / 2P
CLIPPER FOOTSWITCH
2005
632-SC3 LINEMASTER-632-SC3 Datasheet
226Kb / 2P
CLIPPER FOOTSWITCH
2005
logo
EDAC, All Rights Reserv...
632-SERIES EDAC-632-SERIES Datasheet
405Kb / 2P
632 Series D-Sub Connectors | High Density Three Contact Rows with .121"(3.08mm) Footprint RightAngle Bend | Receptacle
More results

Similar Description - 632-S..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3000 VISHAY-DG3000 Datasheet
72Kb / 9P
Low-Voltage Single SPDT MICRO FOOT Analog Switch
26-Aug-02
logo
Bud Industries, Inc.
F-3581 BUD-F-3581 Datasheet
14Kb / 1P
RUBBER FOOT
F-8038 BUD-F-8038 Datasheet
13Kb / 1P
RUBBER FOOT
F-9653 BUD-F-9653 Datasheet
13Kb / 1P
RUBBER FOOT
logo
Molex Electronics Ltd.
0011200739 MOLEX11-0011200739 Datasheet
115Kb / 4P
PNEUMATIC BENCH TERMINATOR ASSEMBLY w/FOOT SWITCH
logo
SparkFun Electronics
COM-11192 SPARKFUN-COM-11192 Datasheet
141Kb / 1P
Foot Pedal Switch
5??5??7
logo
Festo Corporation.
8984 FESTO-8984 Datasheet
97Kb / 1P
Foot valve
4/10/22
8992 FESTO-8992 Datasheet
96Kb / 1P
Foot valve
4/10/2
logo
List of Unclassifed Man...
6210-0B ETC-6210-0B Datasheet
122Kb / 1P
Foot Bellows
2010
logo
Highly Electric Co., Lt...
EFS-A HIGHLY-EFS-A Datasheet
443Kb / 2P
FOOT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com