Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

632-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

632-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 632-SERIES
Download  632-SERIES Download
File Size   405.62 Kbytes
Page   2 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 632 Series D-Sub Connectors | High Density Three Contact Rows with .121"(3.08mm) Footprint RightAngle Bend | Receptacle

632-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
632-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 632-SERIES
Download  632-SERIES Click to download

File Size   405.62 Kbytes
Page   2 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 632 Series D-Sub Connectors | High Density Three Contact Rows with .121"(3.08mm) Footprint RightAngle Bend | Receptacle

632-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


632-SERIES Product details

Features


  • High Density Three Contact Rows with .121"(3.08mm) Footprint Right Angle Bend

  • .090"(2.29mm) Contact Spacing X .078"(1.98mm) Row Spacing

  • Plug and Receptacle in 15 Contact Size

  • Pin and Socket Contact Mating Design with P.C. Tail Termination

  • Metal Shell Provides EMI/RFI Shielding, Plug Shell Indents provide Grounding and Additional Mating Retention

  • Board Mounting Features include Two Prong Boardlock for Exceptional Retention to P.C. Board

  • Flange Mounting Options for Panel Mount or Connector Mating include Through Hole, Threaded Hole and Threaded Standoffs

  • D-Shaped Connector Mating Outline provides Polarization

  • Design based on Requirements of MIL-C-24038, EIA RS-232 and RS-449




Similar Part No. - 632-SERIES

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
632-01010 HELLERMANNTYTON-632-01010 Datasheet
84Kb / 1P
Cable Protection Systems
April 2016
logo
EDAC, All Rights Reserv...
632-015-266-031 EDAC-632-015-266-031 Datasheet
93Kb / 1P
632 Series,D-Sub Connectors | High Density Three Contact Rows with .121"(3.08mm) Footprint RightAngle Bend | Receptacle
logo
List of Unclassifed Man...
632-015-266-032 ETC2-632-015-266-032 Datasheet
560Kb / 3P
High-density there contact rows with 125 footprint right angle bend
logo
EDAC, All Rights Reserv...
632-015-266-032 EDAC-632-015-266-032 Datasheet
94Kb / 1P
632 Series,D-Sub Connectors | High Density Three Contact Rows with .121"(3.08mm) Footprint RightAngle Bend | Receptacle
logo
List of Unclassifed Man...
632-015-266-033 ETC2-632-015-266-033 Datasheet
560Kb / 3P
High-density there contact rows with 125 footprint right angle bend
More results


Similar Description - 632-SERIES

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
632-015-266-033 ETC2-632-015-266-033 Datasheet
560Kb / 3P
High-density there contact rows with 125 footprint right angle bend
634-015-632-042 ETC2-634-015-632-042 Datasheet
1Mb / 2P
High-density three contact rows with .350 (8.89) footprint right angle bend
logo
EDAC, All Rights Reserv...
622-SERIES EDAC-622-SERIES Datasheet
363Kb / 2P
622 Series D-Sub Connectors | Two Contact Rows with .318"(8.08mm) Footprint Right Angle Bend | Receptacle
624-SERIES EDAC-624-SERIES Datasheet
373Kb / 2P
624 Series D-Sub Connectors | Two Contact Rows with .197"(5.00mm) Footprint Right Angle Bend | Receptacle
626-SERIES EDAC-626-SERIES Datasheet
357Kb / 2P
626 Series D-Sub Connectors | Two Contact Rows with .584"(14.84mm) Footprint Right Angle Bend | Receptacle
630-SERIES EDAC-630-SERIES Datasheet
353Kb / 2P
630 Series D-Sub Connectors | Two Contact Rows with .406"(10.30mm) Footprint Right Angle Bend | Receptacle
633-SERIES EDAC-633-SERIES Datasheet
406Kb / 3P
633 Series D-Sub Connectors | High Density Three Contact Rows with .350"(8.89mm) Footprint RightAngle Bend | Plug
633M-SERIES EDAC-633M-SERIES Datasheet
330Kb / 3P
633M Series D-Sub Connectors | Machined Pins | High Density Three Contact Rows with 0.350" (8.89mm) Footprint Right Angle Bend | Plug
634-SERIES EDAC-634-SERIES Datasheet
406Kb / 3P
634 Series D-Sub Connectors | High Density Three Contact Rows with .350"(8.89mm) Footprint RightAngle Bend | Receptacle
634M-SERIES EDAC-634M-SERIES Datasheet
330Kb / 3P
634M Series D-Sub Connectors | Machined Pins | High Density Three Contact Rows with 0.350" (8.89mm) Footprint Right Angle Bend | Receptacle
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com