Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

633-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

633-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 633-SERIES
Download  633-SERIES Download
File Size   406.37 Kbytes
Page   3 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 633 Series D-Sub Connectors | High Density Three Contact Rows with .350"(8.89mm) Footprint RightAngle Bend | Plug

633-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
633-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 633-SERIES
Download  633-SERIES Click to download

File Size   406.37 Kbytes
Page   3 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 633 Series D-Sub Connectors | High Density Three Contact Rows with .350"(8.89mm) Footprint RightAngle Bend | Plug

633-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


633-SERIES Product details

Features


  • High Density Three Contact Rows with .350"(8.89mm) Footprint Right Angle Bend

  • Standard Contact Spacing and Row Spacing

  • Optional 9th pin recessed on 15 Contact Size in accordance with VESA Display Data Channel Standard

  • Plug and Receptacle in 15, 26, 44, 62 or 78 Contact Sizes

  • Pin and Socket Contact Mating Design with P.C. Tail Termination

  • Metal Shell Provides EMI/RFI Shielding, Plug Shell Indents provide Grounding and Additional Mating Retention

  • Board Mounting Features include Threaded Hole, Two or Four Prong Boardlock for Exceptional Retention to P.C. Board

  • Flange Mounting Options for Panel Mount or Connector Mating include Through Hole, Threaded Holes and Threaded Standoffs

  • D-Shaped Connector Mating Outline provides Polarization

  • Design based on Requirements of MIL-C-24038, EIA RS-232 and RS-449




Similar Part No. - 633-SERIES

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
633-01010 HELLERMANNTYTON-633-01010 Datasheet
106Kb / 2P
Cable Protection Systems
December 2021
logo
List of Unclassifed Man...
633-015-232-010 ETC2-633-015-232-010 Datasheet
1Mb / 2P
High-density three contact rows with .350 (8.89) footprint right angle bend
633-015-232-020 ETC2-633-015-232-020 Datasheet
1Mb / 2P
High-density three contact rows with .350 (8.89) footprint right angle bend
633-015-232-030 ETC2-633-015-232-030 Datasheet
1Mb / 2P
High-density three contact rows with .350 (8.89) footprint right angle bend
633-015-263-010 ETC2-633-015-263-010 Datasheet
1Mb / 2P
High-density three contact rows with .350 (8.89) footprint right angle bend
More results


Similar Description - 633-SERIES

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
632-015-266-033 ETC2-632-015-266-033 Datasheet
560Kb / 3P
High-density there contact rows with 125 footprint right angle bend
634-015-632-042 ETC2-634-015-632-042 Datasheet
1Mb / 2P
High-density three contact rows with .350 (8.89) footprint right angle bend
logo
EDAC, All Rights Reserv...
621-SERIES EDAC-621-SERIES Datasheet
363Kb / 2P
621 Series D-Sub Connectors | Two Contact Rows with .318"(8.08mm) Footprint Right Angle Bend | Plug
623-SERIES EDAC-623-SERIES Datasheet
373Kb / 2P
623 Series D-Sub Connectors | Two Contact Rows with .197"(5.00mm) Footprint Right Angle Bend | Plug
625-SERIES EDAC-625-SERIES Datasheet
357Kb / 2P
625 Series D-Sub Connectors | Two Contact Rows with .584"(14.84mm) Footprint Right Angle Bend | Plug
629-SERIES EDAC-629-SERIES Datasheet
353Kb / 2P
629 Series D-Sub Connectors | Two Contact Rows with .406"(10.30mm) Footprint Right Angle Bend | Plug
632-SERIES EDAC-632-SERIES Datasheet
405Kb / 2P
632 Series D-Sub Connectors | High Density Three Contact Rows with .121"(3.08mm) Footprint RightAngle Bend | Receptacle
633M-SERIES EDAC-633M-SERIES Datasheet
330Kb / 3P
633M Series D-Sub Connectors | Machined Pins | High Density Three Contact Rows with 0.350" (8.89mm) Footprint Right Angle Bend | Plug
634-SERIES EDAC-634-SERIES Datasheet
406Kb / 3P
634 Series D-Sub Connectors | High Density Three Contact Rows with .350"(8.89mm) Footprint RightAngle Bend | Receptacle
634M-SERIES EDAC-634M-SERIES Datasheet
330Kb / 3P
634M Series D-Sub Connectors | Machined Pins | High Density Three Contact Rows with 0.350" (8.89mm) Footprint Right Angle Bend | Receptacle
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com