Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

634M-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

634M-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 634M-SERIES
Download  634M-SERIES Download
File Size   330.91 Kbytes
Page   3 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 634M Series D-Sub Connectors | Machined Pins | High Density Three Contact Rows with 0.350" (8.89mm) Footprint Right Angle Bend | Receptacle

634M-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
634M-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 634M-SERIES
Download  634M-SERIES Click to download

File Size   330.91 Kbytes
Page   3 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 634M Series D-Sub Connectors | Machined Pins | High Density Three Contact Rows with 0.350" (8.89mm) Footprint Right Angle Bend | Receptacle

634M-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


634M-SERIES Product details

Features


  • High Density Three Contact Rows with .350"(8.89mm) Footprint Right Angle Bend with Machined Contacts

  • .090"(2.29mm) Contact Spacing 0.078"(1.98mm) Row Spacing

  • Plug and Receptacle in 15, 26, 44 or 62 Contact Sizes

  • Pin and Socket Contact Mating Design with P.C. Tail Termination

  • Metal Shell Provides EMI/RFI Shielding, Plug Shell Indents provide Grounding and Additional Mating Retention

  • Grounding Features include Brackets and Four Prong Boardlock for Exceptional Retention to P.C. Board

  • Mounting Options for Panel Mount or Connector Mating include Through Hole, Threaded Inserts and Threaded Standoffs

  • D-Shaped Connector Mating Outline provides Polarization




Similar Part No. - 634M-SERIES

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
634 GILWAY-634 Datasheet
33Kb / 1P
T-1 Subminiature Lamps
logo
Oscilent Corporation
634 OSCILENT-634 Datasheet
141Kb / 2P
Low Frequencies
logo
Adafruit Industries
634 ADAFRUIT-634 Datasheet
584Kb / 2P
Electroluminescent (EL) Tape/Strip Starter Pack - 100cm - Green
7/27/2015
logo
Keystone Electronics Co...
634 KEYSTONE-634 Datasheet
503Kb / 1P
THREADED MOUNTING BRACKETS
31-07 20th
logo
Hengstler GmbH
634 HENGSTLER-634 Datasheet
187Kb / 7P
Totalizing Counters „mini-i“
More results


Similar Description - 634M-SERIES

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
632-015-266-033 ETC2-632-015-266-033 Datasheet
560Kb / 3P
High-density there contact rows with 125 footprint right angle bend
634-015-632-042 ETC2-634-015-632-042 Datasheet
1Mb / 2P
High-density three contact rows with .350 (8.89) footprint right angle bend
logo
EDAC, All Rights Reserv...
621M-SERIES EDAC-621M-SERIES Datasheet
339Kb / 3P
621M Series D-Sub Connectors | Machined Pins | 0.283" (7.20mm) Footprint Right Angle Bend | Plug
622M-SERIES EDAC-622M-SERIES Datasheet
339Kb / 3P
622M Series D-Sub Connectors | Machined Pins | 0.283" (7.20mm) Footprint Right Angle Bend | Receptacle
629M-SERIES EDAC-629M-SERIES Datasheet
328Kb / 3P
629M Series D-Sub Connectors | Machined Pins | Two Contact Rows with .370"(9.40mm) Footprint Right Angle Bend | Plug
630M-SERIES EDAC-630M-SERIES Datasheet
328Kb / 3P
630M Series D-Sub Connectors | Machined Pins | 0.370" (9.40mm) Footprint Right Angle Bend | Receptacle
632-SERIES EDAC-632-SERIES Datasheet
405Kb / 2P
632 Series D-Sub Connectors | High Density Three Contact Rows with .121"(3.08mm) Footprint RightAngle Bend | Receptacle
633-SERIES EDAC-633-SERIES Datasheet
406Kb / 3P
633 Series D-Sub Connectors | High Density Three Contact Rows with .350"(8.89mm) Footprint RightAngle Bend | Plug
633M-SERIES EDAC-633M-SERIES Datasheet
330Kb / 3P
633M Series D-Sub Connectors | Machined Pins | High Density Three Contact Rows with 0.350" (8.89mm) Footprint Right Angle Bend | Plug
634-SERIES EDAC-634-SERIES Datasheet
406Kb / 3P
634 Series D-Sub Connectors | High Density Three Contact Rows with .350"(8.89mm) Footprint RightAngle Bend | Receptacle
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com