Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

629M-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

629M-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 629M-SERIES
Download  629M-SERIES Download
File Size   328.88 Kbytes
Page   3 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 629M Series D-Sub Connectors | Machined Pins | Two Contact Rows with .370"(9.40mm) Footprint Right Angle Bend | Plug

629M-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
629M-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 629M-SERIES
Download  629M-SERIES Click to download

File Size   328.88 Kbytes
Page   3 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 629M Series D-Sub Connectors | Machined Pins | Two Contact Rows with .370"(9.40mm) Footprint Right Angle Bend | Plug

629M-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


629M-SERIES Product details

Features


  • Two Contact Rows with .370"(9.40mm) Footprint Right Angle Bend D-Sub with Machined Contacts

  • .109"(2.77mm) Contact Spacing x .112"(2.84mm) Row Spacing

  • Plug and Receptacle in 9, 15, 25, 37 or 50 Contact Sizes

  • Pin and Socket Contact Mating Design with P.C. Tail Termination

  • Metal Shell Provides EMI/RFI Shielding, Plug Shell Indents provide Grounding and Additional Mating Retention

  • Grounding Features include Brackets with Boardlock for Exceptional Retention to P.C. Board

  • Mounting Options for Panel Mount or Connector Mating include Through Hole, Threaded Inserts and Threaded Standoffs

  • Insulation Housing are offered in different colors: Black, White, Green and Blue

  • D-Shaped Connector Mating Outline provides Polarization




Similar Part No. - 629M-SERIES

ManufacturerPart #DatasheetDescription
logo
Abbatron All Rights Res...
629 ABBATRON-629 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Adafruit Industries
629 ADAFRUIT-629 Datasheet
82Kb / 2P
Electroluminescent (EL) Panel Starter Pack - 10cm x 10cm Blue
7/27/2015
logo
EDAC, All Rights Reserv...
629-009-240-011 EDAC-629-009-240-011 Datasheet
353Kb / 2P
629 Series D-Sub Connectors | Two Contact Rows with .406"(10.30mm) Footprint Right Angle Bend | Plug
629-009-240-011 EDAC-629-009-240-011 Datasheet
87Kb / 1P
629 Series,D-Sub Connectors | Two Contact Rows with .406"(10.30mm) Footprint Right Angle Bend | Plug
629-009-240-012 EDAC-629-009-240-012 Datasheet
353Kb / 2P
629 Series D-Sub Connectors | Two Contact Rows with .406"(10.30mm) Footprint Right Angle Bend | Plug
More results


Similar Description - 629M-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
621-SERIES EDAC-621-SERIES Datasheet
363Kb / 2P
621 Series D-Sub Connectors | Two Contact Rows with .318"(8.08mm) Footprint Right Angle Bend | Plug
621M-SERIES EDAC-621M-SERIES Datasheet
339Kb / 3P
621M Series D-Sub Connectors | Machined Pins | 0.283" (7.20mm) Footprint Right Angle Bend | Plug
623-SERIES EDAC-623-SERIES Datasheet
373Kb / 2P
623 Series D-Sub Connectors | Two Contact Rows with .197"(5.00mm) Footprint Right Angle Bend | Plug
624-SERIES EDAC-624-SERIES Datasheet
373Kb / 2P
624 Series D-Sub Connectors | Two Contact Rows with .197"(5.00mm) Footprint Right Angle Bend | Receptacle
625-SERIES EDAC-625-SERIES Datasheet
357Kb / 2P
625 Series D-Sub Connectors | Two Contact Rows with .584"(14.84mm) Footprint Right Angle Bend | Plug
626-SERIES EDAC-626-SERIES Datasheet
357Kb / 2P
626 Series D-Sub Connectors | Two Contact Rows with .584"(14.84mm) Footprint Right Angle Bend | Receptacle
629-SERIES EDAC-629-SERIES Datasheet
353Kb / 2P
629 Series D-Sub Connectors | Two Contact Rows with .406"(10.30mm) Footprint Right Angle Bend | Plug
630M-SERIES EDAC-630M-SERIES Datasheet
328Kb / 3P
630M Series D-Sub Connectors | Machined Pins | 0.370" (9.40mm) Footprint Right Angle Bend | Receptacle
633M-SERIES EDAC-633M-SERIES Datasheet
330Kb / 3P
633M Series D-Sub Connectors | Machined Pins | High Density Three Contact Rows with 0.350" (8.89mm) Footprint Right Angle Bend | Plug
634M-SERIES EDAC-634M-SERIES Datasheet
330Kb / 3P
634M Series D-Sub Connectors | Machined Pins | High Density Three Contact Rows with 0.350" (8.89mm) Footprint Right Angle Bend | Receptacle
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com