Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

621M-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

621M-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 621M-SERIES
Download  621M-SERIES Download
File Size   339.97 Kbytes
Page   3 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 621M Series D-Sub Connectors | Machined Pins | 0.283" (7.20mm) Footprint Right Angle Bend | Plug

621M-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
621M-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 621M-SERIES
Download  621M-SERIES Click to download

File Size   339.97 Kbytes
Page   3 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 621M Series D-Sub Connectors | Machined Pins | 0.283" (7.20mm) Footprint Right Angle Bend | Plug

621M-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


621M-SERIES Product details

Features


  • Two Contact Rows with .283"(7.20mm) Footprint Right Angle Bend D-Sub with Machined Contacts

  • .109"(2.77mm) Contact Spacing x .112"(2.84mm) Row Spacing

  • Plug and Receptacle in 9, 15, 25, 37 or 50 Contact Sizes

  • Pin and Socket Contact Mating Design with P.C. Tail Termination

  • Metal Shell Provides EMI/RFI Shielding, Plug Shell Indents provide Grounding and Additional Mating Retention

  • Grounding Features include Brackets with Four Prong Boardlock for Exceptional Retention to P.C. Board

  • Mounting Options for Panel Mount or Connector Mating include Through Hole, Threaded Inserts and Threaded Standoffs

  • Insulation Housing are offered in different colors, Black, White, Green and Blue

  • D-Shaped Connector Mating Outline provides Polarization




Similar Part No. - 621M-SERIES

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
621MILF IDT-621MILF Datasheet
118Kb / 10P
LOW SKEW 1 TO 4 CLOCK BUFFER
621MILFT IDT-621MILFT Datasheet
118Kb / 10P
LOW SKEW 1 TO 4 CLOCK BUFFER
621MLF IDT-621MLF Datasheet
118Kb / 10P
LOW SKEW 1 TO 4 CLOCK BUFFER
621MLFT IDT-621MLFT Datasheet
118Kb / 10P
LOW SKEW 1 TO 4 CLOCK BUFFER
More results


Similar Description - 621M-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
621-SERIES EDAC-621-SERIES Datasheet
363Kb / 2P
621 Series D-Sub Connectors | Two Contact Rows with .318"(8.08mm) Footprint Right Angle Bend | Plug
622M-SERIES EDAC-622M-SERIES Datasheet
339Kb / 3P
622M Series D-Sub Connectors | Machined Pins | 0.283" (7.20mm) Footprint Right Angle Bend | Receptacle
623-SERIES EDAC-623-SERIES Datasheet
373Kb / 2P
623 Series D-Sub Connectors | Two Contact Rows with .197"(5.00mm) Footprint Right Angle Bend | Plug
624-SERIES EDAC-624-SERIES Datasheet
373Kb / 2P
624 Series D-Sub Connectors | Two Contact Rows with .197"(5.00mm) Footprint Right Angle Bend | Receptacle
625-SERIES EDAC-625-SERIES Datasheet
357Kb / 2P
625 Series D-Sub Connectors | Two Contact Rows with .584"(14.84mm) Footprint Right Angle Bend | Plug
629-SERIES EDAC-629-SERIES Datasheet
353Kb / 2P
629 Series D-Sub Connectors | Two Contact Rows with .406"(10.30mm) Footprint Right Angle Bend | Plug
629M-SERIES EDAC-629M-SERIES Datasheet
328Kb / 3P
629M Series D-Sub Connectors | Machined Pins | Two Contact Rows with .370"(9.40mm) Footprint Right Angle Bend | Plug
630M-SERIES EDAC-630M-SERIES Datasheet
328Kb / 3P
630M Series D-Sub Connectors | Machined Pins | 0.370" (9.40mm) Footprint Right Angle Bend | Receptacle
633M-SERIES EDAC-633M-SERIES Datasheet
330Kb / 3P
633M Series D-Sub Connectors | Machined Pins | High Density Three Contact Rows with 0.350" (8.89mm) Footprint Right Angle Bend | Plug
634M-SERIES EDAC-634M-SERIES Datasheet
330Kb / 3P
634M Series D-Sub Connectors | Machined Pins | High Density Three Contact Rows with 0.350" (8.89mm) Footprint Right Angle Bend | Receptacle
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com