Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

632-S Datasheet (PDF) - Linemaster Switch Corporation

632-S Datasheet PDF - Linemaster Switch Corporation
Part # 632-S
Download  632-S Download
File Size   2559.05 Kbytes
Page   2 Pages
Manufacturer  LINEMASTER [Linemaster Switch Corporation]
Direct Link  https://linemaster.com/
Logo LINEMASTER - Linemaster Switch Corporation
Description CLIPPER FOOT SWITCH

632-S Datasheet (PDF)

Go To PDF Page Download Datasheet
632-S Datasheet PDF - Linemaster Switch Corporation

Part # 632-S
Download  632-S Click to download

File Size   2559.05 Kbytes
Page   2 Pages
Manufacturer  LINEMASTER [Linemaster Switch Corporation]
Direct Link  https://linemaster.com/
Logo LINEMASTER - Linemaster Switch Corporation
Description CLIPPER FOOT SWITCH

632-S Datasheet (HTML) - Linemaster Switch Corporation


632-S Product details

FEATURES:
• Constructed of cast iron for long life
• Adjustable strain relief connector
• Durable black finish
• Non-skid base pad
• Model 632-DA can be used to control lighting
• Model 638-S features a cast aluminum housing
painted alert orange with a splash resistant interior
• Wide treadle models have 2 holes for rigid mounting
to floor or equipment
• Twin models have 4 holes for rigid mounting to floor
or equipment
• Divider Bar on twin models aids in reducing accidental
operation of multiple pedals at once
• Wide treadle models offer a large 7 inch target for the
operator’s foot
• Airval models available
• Heavy gauge steel guard available
• Orange or black vinyl boots available for single models
to provide protection against dirt, liquids, and bad weather




Similar Part No. - 632-S

ManufacturerPart #DatasheetDescription
logo
Linemaster Switch Corpo...
632-S LINEMASTER-632-S Datasheet
226Kb / 2P
CLIPPER FOOTSWITCH
2005
632-SC3 LINEMASTER-632-SC3 Datasheet
226Kb / 2P
CLIPPER FOOTSWITCH
2005
logo
EDAC, All Rights Reserv...
632-SERIES EDAC-632-SERIES Datasheet
405Kb / 2P
632 Series D-Sub Connectors | High Density Three Contact Rows with .121"(3.08mm) Footprint RightAngle Bend | Receptacle
More results


Similar Description - 632-S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3000 VISHAY-DG3000 Datasheet
72Kb / 9P
Low-Voltage Single SPDT MICRO FOOT Analog Switch
26-Aug-02
logo
Bud Industries, Inc.
F-3581 BUD-F-3581 Datasheet
14Kb / 1P
RUBBER FOOT
F-8038 BUD-F-8038 Datasheet
13Kb / 1P
RUBBER FOOT
F-9653 BUD-F-9653 Datasheet
13Kb / 1P
RUBBER FOOT
logo
Molex Electronics Ltd.
0011200739 MOLEX11-0011200739 Datasheet
115Kb / 4P
PNEUMATIC BENCH TERMINATOR ASSEMBLY w/FOOT SWITCH
logo
SparkFun Electronics
COM-11192 SPARKFUN-COM-11192 Datasheet
141Kb / 1P
Foot Pedal Switch
5??5??7
logo
Festo Corporation.
8984 FESTO-8984 Datasheet
97Kb / 1P
Foot valve
4/10/22
8992 FESTO-8992 Datasheet
96Kb / 1P
Foot valve
4/10/2
logo
List of Unclassifed Man...
6210-0B ETC-6210-0B Datasheet
122Kb / 1P
Foot Bellows
2010
logo
Highly Electric Co., Lt...
EFS-A HIGHLY-EFS-A Datasheet
443Kb / 2P
FOOT SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com