Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

632-S Datasheet (PDF) - Linemaster Switch Corporation

632-S Datasheet PDF - Linemaster Switch Corporation
Part # 632-S
Download  632-S Download
File Size   226.12 Kbytes
Page   2 Pages
Manufacturer  LINEMASTER [Linemaster Switch Corporation]
Direct Link  https://linemaster.com/
Logo LINEMASTER - Linemaster Switch Corporation
Description CLIPPER FOOTSWITCH

632-S Datasheet (PDF)

Go To PDF Page Download Datasheet
632-S Datasheet PDF - Linemaster Switch Corporation

Part # 632-S
Download  632-S Click to download

File Size   226.12 Kbytes
Page   2 Pages
Manufacturer  LINEMASTER [Linemaster Switch Corporation]
Direct Link  https://linemaster.com/
Logo LINEMASTER - Linemaster Switch Corporation
Description CLIPPER FOOTSWITCH

632-S Datasheet (HTML) - Linemaster Switch Corporation


632-S Product details

Key Benefits
The rugged, long life Clipper foot switch models have proved themselves in the field over many years of usage. All maintained models offer "Push On-Push Off" action that insures long trouble-free performance. The wide treadle models offer a large seven inch target for the operator's foot. Cast iron housing. Nonskid base pad. Complete with adjustable strain relief connector. Black finish.
Size: 4-1/2" x 3-1/2" x 1-1/2"Weight: 2-1/4 lbs.
The CLIPPER TWIN consists of two SPDT or two DPDT foot switches mounted on a heavy steel base plate with nonskid pad. Divider bar between pedals helps prevent accidental operation of both pedals at one time. A tube between the two foot switches conceals all internal wiring between them. A conduit opening with strain relief connector is provided in the right foot switch.




Similar Part No. - 632-S

ManufacturerPart #DatasheetDescription
logo
Linemaster Switch Corpo...
632-S LINEMASTER-632-S Datasheet
2Mb / 2P
CLIPPER FOOT SWITCH
632-S.. LINEMASTER-632-S.. Datasheet
2Mb / 2P
CLIPPER FOOT SWITCH
logo
EDAC, All Rights Reserv...
632-SERIES EDAC-632-SERIES Datasheet
405Kb / 2P
632 Series D-Sub Connectors | High Density Three Contact Rows with .121"(3.08mm) Footprint RightAngle Bend | Receptacle
More results


Similar Description - 632-S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DZ2J068M0L PANASONIC-DZ2J068M0L Datasheet
393Kb / 4P
Silicon epitaxial planar type For constant voltage / waveform clipper and surge absorption circuit Low noise type
logo
Panasonic Battery Group
DZ2J180M0L PANASONICBATTERY-DZ2J180M0L Datasheet
396Kb / 4P
Silicon epitaxial planar type For constant voltage / waveform clipper and surge absorption circuit Low noise type
logo
Panasonic Semiconductor
DZ2J056M0L PANASONIC-DZ2J056M0L Datasheet
386Kb / 4P
Silicon epitaxial planar type For constant voltage waveform clipper and surge absorption circuit Low noise type
logo
New Jersey Semi-Conduct...
1N4831 NJSEMI-1N4831 Datasheet
51Kb / 1P
ZENER DIODES 1.2 WATTS POWER DISSIPATION DOUBLE ANODE CLIPPER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com