Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTMS1X01 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # HTMS1X01
Description  HITAG μ transponder IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS1X01 Datasheet(HTML) 2 Page - NXP Semiconductors

  HTMS1X01 Datasheet HTML 1Page - NXP Semiconductors HTMS1X01 Datasheet HTML 2Page - NXP Semiconductors HTMS1X01 Datasheet HTML 3Page - NXP Semiconductors HTMS1X01 Datasheet HTML 4Page - NXP Semiconductors HTMS1X01 Datasheet HTML 5Page - NXP Semiconductors HTMS1X01 Datasheet HTML 6Page - NXP Semiconductors HTMS1X01 Datasheet HTML 7Page - NXP Semiconductors HTMS1X01 Datasheet HTML 8Page - NXP Semiconductors HTMS1X01 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
HTMS1x01_8x01
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.4 — 21 May 2015
152934
2 of 57
NXP Semiconductors
HTMS1x01; HTMS8x01
HITAG µ transponder IC
1.1.3 Beer keg and gas cylinder logistic
• Recognizing a complete pallet of gas cylinders at one time
• Long writing distance
• Voluntarily change between TTF Mode with user defined data length and read/write
modes without changing the configuration on the transponder
• Authenticity check at the beer pubs - between beer bumper and supplied beer keg,
provides a safe protection of the beer brand
1.1.4 Brand protection
• Authenticity check for high level brands or for original refilling e.g. toner for fax
machines.
2.
Features and benefits
2.1 Features
 Integrated circuit for contactless identification transponders and cards
 Integrated resonance capacitor of 210 pF with
3 % tolerance or 280 pF with 5 %
tolerance over full production
 Frequency range 100 kHz to 150 kHz
2.2 Protocol
 Modulation read/write device
 transponder: 100 % ASK and binary pulse length
coding
 Modulation transponder
 read/write device: Strong ASK modulation with
anti-collision, Manchester and Biphase coding
 Fast anti-collision protocol
 Cyclic Redundancy Check (CRC)
 Transponder Talks First (TTF) mode
 Temporary switch from Transponder Talks First into Reader Talks First (RTF) Mode
 Data rate read/write device to transponder: 5.2 kbit/s
 Data rates transponder to read/write device: 2 kbit/s, 4 kbit/s, 8 kbit/s
2.3 Memory
 Different memory options
 Up to 10000 erase/write cycles
 10 years non-volatile data retention
 Memory Lock functionality
 32-bit password feature
2.4 Supported standards
 Full compliant to ISO 11784 and ISO 11785 Animal ID
 Designed to support ISO/IEC 14223 Animal ID with anticollision and read/write
functionality



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com