Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTMS1X01 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # HTMS1X01
Description  HITAG μ transponder IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS1X01 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button HTMS1X01 Datasheet HTML 17Page - NXP Semiconductors HTMS1X01 Datasheet HTML 18Page - NXP Semiconductors HTMS1X01 Datasheet HTML 19Page - NXP Semiconductors HTMS1X01 Datasheet HTML 20Page - NXP Semiconductors HTMS1X01 Datasheet HTML 21Page - NXP Semiconductors HTMS1X01 Datasheet HTML 22Page - NXP Semiconductors HTMS1X01 Datasheet HTML 23Page - NXP Semiconductors HTMS1X01 Datasheet HTML 24Page - NXP Semiconductors HTMS1X01 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
HTMS1x01_8x01
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.4 — 21 May 2015
152934
21 of 57
NXP Semiconductors
HTMS1x01; HTMS8x01
HITAG µ transponder IC
11.4 Communication signal interface - HITAG µ transponder IC to RWD
11.4.1 Data rate and data coding
The HITAG µ transponder IC accepts the following data rates and encoding schemes:
• 1/TFd Differential bi-phase coded data signal in the ISO 11785 mode, without SOF and
EOF
• 1/TFd Manchester coded data signal on the response to the HITAG µ
advanced/advanced+ commands in data exchange mode
• 1/(2 TFd) dual pattern data coding when responding within the inventory process
• TTF mode (not ISO 11785 compliant): 1/(2  TFd), 2/TFd Manchester or bi-phase
coded
TFd = 32 / fc = 32  Tc
Remark: The slower data rate used during the inventory process allows for improving the
collision detection when several HITAG µ transponder ICs are present in the RWD field,
especially if some HITAG µ transponder ICs are in the near field and others in the far field.
Differential Bi-phase (or FM0 respectively) contains a transition in the center of bit
conversion representing Data ’0’ and no one for Data ’1’. At the beginning of every bit
modulation a level transition must be performed.
Fig 10. HITAG µ transponder IC - Load modulation coding
Fig 11. HITAG µ transponder IC - Differential Bi-Phase Modulation
001aaj830
TFd
load off
data "0"
load on
TFd
TFd
load off
load on
TFd
load off
data "1"
load on
TFd
load off
load on
TFd
response encoding in
INVENTORY mode
response encoding to a RWD
request in data exchange mode
data
element
001aaj831
data
Bi-phase
10
1
1
11
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com