Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVL3205613 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AVL3205613
Description  Subminiature Size Switches with Excellent Operating Position Accuracy
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AVL3205613 Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button AVL3205613 Datasheet HTML 3Page - Panasonic Semiconductor AVL3205613 Datasheet HTML 4Page - Panasonic Semiconductor AVL3205613 Datasheet HTML 5Page - Panasonic Semiconductor AVL3205613 Datasheet HTML 6Page - Panasonic Semiconductor AVL3205613 Datasheet HTML 7Page - Panasonic Semiconductor AVL3205613 Datasheet HTML 8Page - Panasonic Semiconductor AVL3205613 Datasheet HTML 9Page - Panasonic Semiconductor AVL3205613 Datasheet HTML 10Page - Panasonic Semiconductor AVL3205613 Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
AV3/AVM3/AVT3/AVL3 (FS/FS-T) Subminiature Switches
–7–
AECTB10E 201601-T
■ Operating characteristics
1) Pin plunger
2) Short hinge lever
3) Hinge lever
4) Long hinge lever
5) Simulated roller lever
6) Roller lever
4th digit number
of Part No.
Operating Force OF,
Max.
Release Force RF,
Min.
Pretravel PT,
Max.
Movement Differential
MD, Max.
Overtravel OT,
Min.
Operating Position OP
0
0.25N
0.020N
0.6mm
0.1mm
0.4mm
Distance from mounting holes:
8.4
±0.3mm
Distance from stand-off:
FS 11.8
±0.4mm
FS-T 11.7
±0.4mm
2
0.49N
0.074N
4
0.98N
0.15N
5
1.47N
0.20N
4th digit number
of Part No.
Operating Force OF,
Max.
Release Force RF,
Min.
Pretravel PT,
Max.
Movement Differential
MD, Max.
Overtravel OT,
Min.
Operating Position OP
0
0.098N
0.004N
2.5mm
0.5mm
0.8mm
Distance from mounting holes:
8.8
±0.8mm
Distance from stand-off:
FS 12.2
±0.9mm
FS-T 12.1
±0.9mm
2
0.20N
0.017N
4
0.39N
0.034N
5
0.59N
0.039N
4th digit number
of Part No.
Operating Force OF,
Max.
Release Force RF,
Min.
Pretravel PT,
Max.
Movement Differential
MD, Max.
Overtravel OT,
Min.
Operating Position OP
0
0.078N
0.003N
2.8mm
0.8mm
1.2mm
Distance from mounting holes:
8.8
±0.8mm
Distance from stand-off:
FS 12.2
±0.9mm
FS-T 12.1
±0.9mm
2
0.16N
0.015N
4
0.34N
0.029N
5
0.54N
0.034N
4th digit number
of Part No.
Operating Force OF,
Max.
Release Force RF,
Min.
Pretravel PT,
Max.
Movement Differential
MD, Max.
Overtravel OT,
Min.
Operating Position OP
0—
—
3.5mm
1.0mm
1.6mm
Distance from mounting holes:
8.8
±1.2mm
Distance from stand-off:
FS 12.2
±1.3mm
FS-T 12.1
±1.3mm
2
0.12N
0.012N
4
0.25N
0.025N
5
0.44N
0.029N
4th digit number
of Part No.
Operating Force OF,
Max.
Release Force RF,
Min.
Pretravel PT,
Max.
Movement Differential
MD, Max.
Overtravel OT,
Min.
Operating Position OP
0—
—
2.8mm
0.8mm
1.2mm
Distance from mounting holes:
11.65
±0.8mm
Distance from stand-off:
FS 15.05
±0.9mm
FS-T 14.95
±0.9mm
2
0.16N
0.015N
4
0.34N
0.029N
5
0.54N
0.034N
4th digit number
of Part No.
Operating Force OF,
Max.
Release Force RF,
Min.
Pretravel PT,
Max.
Movement Differential
MD, Max.
Overtravel OT,
Min.
Operating Position OP
0—
—
2.5mm
0.5mm
0.8mm
Distance from mounting holes:
14.5
±0.8mm
Distance from stand-off:
FS 17.9
±0.9mm
FS-T 17.8
±0.9mm
2
0.20N
0.017N
4
0.39N
0.034N
5
0.59N
0.039N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com