Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVL3205613 Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # AVL3205613
Description  Subminiature Size Switches with Excellent Operating Position Accuracy
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AVL3205613 Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button AVL3205613 Datasheet HTML 6Page - Panasonic Semiconductor AVL3205613 Datasheet HTML 7Page - Panasonic Semiconductor AVL3205613 Datasheet HTML 8Page - Panasonic Semiconductor AVL3205613 Datasheet HTML 9Page - Panasonic Semiconductor AVL3205613 Datasheet HTML 10Page - Panasonic Semiconductor AVL3205613 Datasheet HTML 11Page - Panasonic Semiconductor AVL3205613 Datasheet HTML 12Page - Panasonic Semiconductor AVL3205613 Datasheet HTML 13Page - Panasonic Semiconductor AVL3205613 Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AV3/AVM3/AVT3/AVL3 (FS/FS-T) Subminiature Switches
–10–
AECTB10E 201601-T
Long hinge lever
Simulated roller lever
Roller lever
2) Solder terminal
3) .110 Quick-connect terminal
NO
NC
C
13.1 ±
0.4
3.5 max.
4.0
(PT)
8.8
(OP)
±1.2
Pretravel PT, Max.
3.5mm
Movement Differential MD, Max.
1.0mm
Overtravel OT, Min.
1.6mm
Operating
Position OP
Distance from
mounting hole
8.8
±1.2mm
Distance from
stand-off
12.1
±1.3mm
CAD Data
NO
NC
C
R2.5
6.3 ±0.4
2.8 max.
4.0
(PT)
11.65
(OP)
±0.8
12.85
Pretravel PT, Max.
2.8mm
Movement Differential MD, Max.
0.8mm
Overtravel OT, Min.
1.2mm
Operating
Position OP
Distance from
mounting hole
11.65
±0.8mm
Distance from
stand-off
14.95
±0.9mm
CAD Data
NO
NC
C
3.2
5.0 dia.
5.15
±0.4
2.5 max.
(PT)
14.5
(OP)
±0.8
Pretravel PT, Max.
2.5mm
Movement Differential MD, Max.
0.5mm
Overtravel OT, Min.
0.8mm
Operating
Position OP
Distance from
mounting hole
14.5
±0.8mm
Distance from
stand-off
17.8
±0.9mm
CAD Data
16.1
8.8
NO
NC
C
6.4
1.8
dia.
(3.9)
2.8±0.2
6.4
4.0
1.5
±0.2
0.6 max.
2.4
9.5
7.6
0.5
8.4
(PT)
6.7
7.7
3.3
-0.05
+0.1
2.4
2.5
±0.3
±0.1
±0.1
(OP)
±0.3
2.4
dia.
+0.1
-0.05
19.8
±0.3
Note: As for the dimensions of lever types, dimensions other than terminals are same as PC board terminal.
CAD Data
5.5
7.1
11.0
16.1
8.8
NO
NC
C
±0.1
±0.15
0.6 max.
2.4
9.5
7.6
6.4
2.8
0.5
4.0
8.4
(PT)
6.7
7.7
3.3
-0.05
+0.1
2.4
2.5
±0.3
±0.1
±0.1
(OP)
±0.3
±0.2
±0.1
2.4
dia.
+0.1
-0.05
1.2
dia.
±0.05
19.8
±0.3
Note: As for the dimensions of lever types, dimensions other than terminals are same as PC board terminal.
CAD Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com