Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR032EPR2 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MPR032EPR2
Description  Freescale Semiconductor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPR032EPR2 Datasheet(HTML) 1 Page - NXP Semiconductors

  MPR032EPR2 Datasheet HTML 1Page - NXP Semiconductors MPR032EPR2 Datasheet HTML 2Page - NXP Semiconductors MPR032EPR2 Datasheet HTML 3Page - NXP Semiconductors MPR032EPR2 Datasheet HTML 4Page - NXP Semiconductors MPR032EPR2 Datasheet HTML 5Page - NXP Semiconductors MPR032EPR2 Datasheet HTML 6Page - NXP Semiconductors MPR032EPR2 Datasheet HTML 7Page - NXP Semiconductors MPR032EPR2 Datasheet HTML 8Page - NXP Semiconductors MPR032EPR2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
MPR03X
Rev 7, 7/2012
Freescale Semiconductor
Data Sheet: Technical Data
An Energy Efficient Solution by Freescale
© 2008, 2009, 2011, 2012 Freescale Semiconductor, Inc. All rights reserved.
Proximity Capacitive Touch
Sensor Controller
The MPR03X is an Inter-Integrated Circuit Communication (I2C)
driven Capacitive Touch Sensor Controller, optimized to manage two
electrodes with interrupt functionality, or three electrodes with the
interrupt disabled. It can accommodate a wide range of
implementations due to increased sensitivity and a specialized
feature set.
Features
•
6 µA supply current with two electrodes being monitored with
32 ms response time and IRQ enabled
•
Compact 2 x 2 x 0.65 mm 8-lead µDFN package
•
Supports up to 3 touch pads
•
Only one external component needed
•
Intelligent touch detection capacity
•
4 µA maximum shutdown current
•
1.71 V to 2.75 V operation
•
Threshold based detection with hysteresis
•I2C interface, with optional IRQ
•
Multiple devices in a system allow for up to 6 electrodes (need
MPR032 with second I2C address)
•
-40°C to +85°C operating temperature range
Implementations
•
Switch Replacements
•
Touch Pads
Typical Applications
•
PC Peripherals
•
MP3 Players
•
Remote Controls
•
Mobile Phones
•
Lighting Controls
ORDERING INFORMATION
Device Name
Temperature Range
Case Number
Touch Pads
I2C Address
Shipping
MPR031EPR2
-40
C to +85C
1944 (8-Pin
DFN)
3-pads
0x4A
Tape and Reel
MPR032EPR2
-40
C to +85C
1944 (8-Pin
DFN)
3-pads
0x4B
Tape and Reel
MPR031
MPR032
Top View
Figure 1. Pin Connections
Bottom View
8-PIN
DFN
CASE 1944
1
SCL
2
3
8
7
6
5
4
SDA
VSS
VDD
IRQ/ELE2
ELE1
ELE0
REXT
MPR03X
Interface
I²C Serial
VSS
SDA
SCL
MPR03X
ELE0
ELE1
VDD
INT
1
2
VSS
75k
REXT
MPR03X with 2 Electrodes and 2 Pads


Similar Part No. - MPR032EPR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPR032EPR2 FREESCALE-MPR032EPR2 Datasheet
283Kb / 32P
Proximity Capacitive Touch Sensor Controller
MPR032EPR2 FREESCALE-MPR032EPR2 Datasheet
308Kb / 32P
Proximity Capacitive Touch Sensor Controller
MPR032EPR2 FREESCALE-MPR032EPR2 Datasheet
308Kb / 32P
Proximity Capacitive Touch Sensor Controller
More results

Similar Description - MPR032EPR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
AN2264 MOTOROLA-AN2264 Datasheet
286Kb / 20P
Freescale Semiconductor, Inc.
MPC7450EC MOTOROLA-MPC7450EC Datasheet
1Mb / 52P
Freescale Semiconductor, Inc.
68HC908JB8FS MOTOROLA-68HC908JB8FS Datasheet
226Kb / 2P
Freescale Semiconductor, Inc.
logo
Freescale Semiconductor...
MC68302FC16C FREESCALE-MC68302FC16C Datasheet
261Kb / 13P
Freescale Semiconductor, Inc.
DSPB56374AFC FREESCALE-DSPB56374AFC Datasheet
1Mb / 64P
Freescale Semiconductor
MC68HC705C8ACFNE FREESCALE-MC68HC705C8ACFNE Datasheet
1Mb / 222P
Freescale Semiconductor, Inc.
MC711K4CFNE3 FREESCALE-MC711K4CFNE3 Datasheet
2Mb / 290P
Freescale Semiconductor, Inc.
MC68302CFC16C FREESCALE-MC68302CFC16C Datasheet
261Kb / 13P
Freescale Semiconductor, Inc.
MC68HC705J1ACPE FREESCALE-MC68HC705J1ACPE Datasheet
1Mb / 162P
Freescale Semiconductor, Inc.
logo
Motorola, Inc
MC68040RC25A MOTOROLA-MC68040RC25A Datasheet
3Mb / 442P
Freescale Semiconductor, Inc.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com