Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F168-Q3 Datasheet(PDF) 72 Page - STMicroelectronics

Part # ST10F168-Q3
Description  16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F168-Q3 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button ST10F168-Q3 Datasheet HTML 66Page - STMicroelectronics ST10F168-Q3 Datasheet HTML 67Page - STMicroelectronics ST10F168-Q3 Datasheet HTML 68Page - STMicroelectronics ST10F168-Q3 Datasheet HTML 69Page - STMicroelectronics ST10F168-Q3 Datasheet HTML 70Page - STMicroelectronics ST10F168-Q3 Datasheet HTML 71Page - STMicroelectronics ST10F168-Q3 Datasheet HTML 72Page - STMicroelectronics ST10F168-Q3 Datasheet HTML 73Page - STMicroelectronics ST10F168-Q3 Datasheet HTML 74Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 72 / 74 page
background image
ST10F168
72/74
Figure 31 : External bus arbitration, (regaining the bus)
Notes: 1. This is the last opportunity for BREQ to trigger the indicated regain-sequence.
Even if BREQ is activated earlier, the regain-sequence is initiated by HOLD going high.
Please note that HOLD may also be deactivated without the ST10F168 requesting the bus.
2. The next ST10F168 driven bus cycle may start here.
CLKOUT
HOLD
HLDA
BREQ
Others
CSx
(P6.x)
t
62
t
67
t
62
1)
2)
t
65
t
61
t
63
t
62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com