Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F168-Q3 Datasheet(PDF) 73 Page - STMicroelectronics

Part # ST10F168-Q3
Description  16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F168-Q3 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button ST10F168-Q3 Datasheet HTML 66Page - STMicroelectronics ST10F168-Q3 Datasheet HTML 67Page - STMicroelectronics ST10F168-Q3 Datasheet HTML 68Page - STMicroelectronics ST10F168-Q3 Datasheet HTML 69Page - STMicroelectronics ST10F168-Q3 Datasheet HTML 70Page - STMicroelectronics ST10F168-Q3 Datasheet HTML 71Page - STMicroelectronics ST10F168-Q3 Datasheet HTML 72Page - STMicroelectronics ST10F168-Q3 Datasheet HTML 73Page - STMicroelectronics ST10F168-Q3 Datasheet HTML 74Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 73 / 74 page
background image
ST10F168
73/74
21 - PACKAGE MECHANICAL DATA
Note: 1. Package dimensions are in mm. The dimensions quoted in inches are rounded.
22 - ORDERING INFORMATION
Figure 32 :
Package Outline PQFP144 (28 x 28mm)
144
109
D3
e
37
72
1
36
A1
A2
A
D1
D
73
108
0,10 mm
.004 inch
SEATING PLANE
c
K
Dimensions
Millimeters 1
Inches (approx)
Minimum
Typical
Maximum
Minimum
Typical
Maximum
A
4.07
0.160
A1
0.25
0.010
A2
3.17
3.42
3.67
0.125
0.133
0.144
B
0.22
0.38
0.009
0.015
c
0.13
0.23
0.005
0.009
D
30.95
31.20
31.45
1.219
1.228
1.238
D1
27.90
28.00
28.10
1.098
1.102
1.106
D3
22.75
0.896
e
0.65
0.026
E
30.95
31.20
31.45
1.219
1.228
1.238
E1
27.90
28.00
28.10
1.098
1.102
1.106
L
0.65
0.80
0.95
0.026
0.031
0.037
L1
1.60
0.063
K
0° (Min.), 7° (Max.)
Sales type
Temperature range
Package
ST10F168-Q6
-40
°C to 85°C
PQFP144 (28 x 28mm)
ST10F168-Q3
-40
°C to 125°C
PQFP144 (28 x 28mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com