Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5035BASA/V+ Datasheet(PDF) 7 Page - Analog Devices

Part # MAX5035BASA/V+
Description  1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX5035BASA/V+ Datasheet(HTML) 7 Page - Analog Devices

Back Button MAX5035BASA/V+ Datasheet HTML 3Page - Analog Devices MAX5035BASA/V+ Datasheet HTML 4Page - Analog Devices MAX5035BASA/V+ Datasheet HTML 5Page - Analog Devices MAX5035BASA/V+ Datasheet HTML 6Page - Analog Devices MAX5035BASA/V+ Datasheet HTML 7Page - Analog Devices MAX5035BASA/V+ Datasheet HTML 8Page - Analog Devices MAX5035BASA/V+ Datasheet HTML 9Page - Analog Devices MAX5035BASA/V+ Datasheet HTML 10Page - Analog Devices MAX5035BASA/V+ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
1A, 76V, High-Efficiency MAXPower
Step-Down DC-DC Converter
Typical Operating Characteristics (continued)
(VIN = 12V, VON/OFF = 12V, TA = -40
°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C. See the Typical
Application Circuit, if applicable.)
OUTPUT VOLTAGE
vs. INPUT VOLTAGE
VIN (V)
12
9
6
3
3
6
9
12
15
0
015
IOUT = 0
IOUT = 0.3A
IOUT = 1A
MAX5035DASA
VOUT = 12V
VON/OFF = VIN
MAX5035DASA
LOAD-TRANSIENT RESPONSE
MAX5035 toc17
400
µs/div
B
A
A: VOUT, 200mV/div, AC-COUPLED
B: IOUT, 500mA/div, 0.1A TO 1A
VOUT = 5V
MAX5035DASA
LOAD-TRANSIENT RESPONSE
MAX5035 toc18
400
µs/div
B
A
A: VOUT, 200mV/div, AC-COUPLED
B: IOUT, 500mA/div, 0.5A TO 1A
VOUT = 5V
MAX5035DASA
LOAD-TRANSIENT RESPONSE
MAX5035 toc19
400
µs/div
B
A
A: VOUT, 200mV/div, AC-COUPLED
B: IOUT, 500mA/div, 0.1A TO 0.5A
VOUT = 5V
MAX5035DASA LX WAVEFORMS
MAX5035 toc20
4
µs/div
B
0
A
0
A: SWITCH VOLTAGE (LX PIN), 20V/div (VIN = 48V)
B: INDUCTOR CURRENT, 500mA/div (IOUT = 1A)
MAX5035DASA LX WAVEFORMS
MAX5035 toc21
4
µs/div
B
0
A
0
A: SWITCH VOLTAGE (LX PIN), 20V/div (VIN = 48V)
B: INDUCTOR CURRENT, 200mA/div (IOUT = 100mA)
MAX5035
Maxim Integrated
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com