Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5035BASA/V+ Datasheet(PDF) 15 Page - Analog Devices

Part # MAX5035BASA/V+
Description  1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX5035BASA/V+ Datasheet(HTML) 15 Page - Analog Devices

Back Button MAX5035BASA/V+ Datasheet HTML 9Page - Analog Devices MAX5035BASA/V+ Datasheet HTML 10Page - Analog Devices MAX5035BASA/V+ Datasheet HTML 11Page - Analog Devices MAX5035BASA/V+ Datasheet HTML 12Page - Analog Devices MAX5035BASA/V+ Datasheet HTML 13Page - Analog Devices MAX5035BASA/V+ Datasheet HTML 14Page - Analog Devices MAX5035BASA/V+ Datasheet HTML 15Page - Analog Devices MAX5035BASA/V+ Datasheet HTML 16Page - Analog Devices MAX5035BASA/V+ Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
1A, 76V, High-Efficiency MAXPower
Step-Down DC-DC Converter
SUPPLIER
PHONE
FAX
WEBSITE
AVX Corporation
843-946-0238
843-626-3123
www.avxcorp.com
Coilcraft, Inc.
847-639-6400
847-639-1469
www.coilcraft.com
Diodes Incorporated
805-446-4800
805-446-4850
www.diodes.com
Panasonic Corp.
800-344-2112
714-737-7323
www.panasonic.com
SANYO Electric Co., Ltd.
619-661-6835
619-661-1055
www.sanyo.com
TDK Corp.
847-803-6100
847-390-4405
www.component.tdk.com
Vishay
402-563-6866
402-563-6296
www.vishay.com
Table 3. Component Suppliers
MAX5035
CIN
68
µF
COUT
68
µF
L1
100
µH
FB
VOUT
5V AT 1A
BST
LX
SGND
0.1
µF
0.1
µF
GND
VIN
12V
VIN
PTC*
Rt
Ct
D1
B240
VD
*LOCATE PTC AS CLOSE TO HEAT-DISSIPATING COMPONENTS AS POSSIBLE.
ON/OFF
Figure 3. Load Temperature Monitoring with ON/OFF (Requires Accurate VIN)
MAX5035
Maxim Integrated
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com