Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2816515 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # 2816515
Description  Fabricated Grounded Thermocouple in Stainless Steel Tube, Glassfibre stainless steel Overbraided cable - IEC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

2816515 Datasheet(HTML) 2 Page - Labfacility Ltd

  2816515 Datasheet HTML 1Page - Labfacility Ltd 2816515 Datasheet HTML 2Page - Labfacility Ltd 2816515 Datasheet HTML 3Page - Labfacility Ltd 2816515 Datasheet HTML 4Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Datasheet
TC-28
Nov-23
Specifications
General Description
316 stainless steel tube in various sizes
Thermocouple Type
K, J
Thermocouple Junction
Grounded at tip for fast response
Cable Length
2m
Cable Type
Glassfibre stainless steel overbraided cable
Cable Termination
Bare Wire Tails
Max. Temperature
+350°C
Min. Temperature
-60°C
Standards Met
IEC
Tube Diameter
3.18mm, 4mm, 4.76mm
Tube Length
13mm, 25mm, 40mm, 75mm*, 100mm*
*=4.76mm Only



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com