Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2816515 Datasheet(PDF) 3 Page - Labfacility Ltd

Part # 2816515
Description  Fabricated Grounded Thermocouple in Stainless Steel Tube, Glassfibre stainless steel Overbraided cable - IEC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

2816515 Datasheet(HTML) 3 Page - Labfacility Ltd

  2816515 Datasheet HTML 1Page - Labfacility Ltd 2816515 Datasheet HTML 2Page - Labfacility Ltd 2816515 Datasheet HTML 3Page - Labfacility Ltd 2816515 Datasheet HTML 4Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Datasheet
TC-28
Nov-23
Ordering Information
Type
Cable
Length
Diameter x
Length
Termination
Manufacturers Code
Farnell
Order Code
K
2m
3.18 x 13mm
Bare Tails
FAE-GSK-3.18-13-NP-2.0-C4-T-I
2816510
K
2m
3.18 x 25mm
Bare Tails
FAA-GSK-3.18-25-NP-2.0-C4-T-I
2816509
K
2m
3.18 x 40mm
Bare Tails
FAA-GSK-3.18-40-NP-2.0-C4-T-I
2816511
K
2m
4 x 13mm
Bare Tails
FAE-GSK-4.0-13-NP-2.0-C4-T-I
3514805
K
2m
4 x 25mm
Bare Tails
FAA-GSK-4.0-25-NP-2.0-C4-T-I
2816513
K
2m
4 x 40mm
Bare Tails
FAA-GSK-4.0-40-NP-2.0-C4-T-I
2816515
K
2m
4.76 x 13mm
Bare Tails
FAE-GSK-4.76-13-NP-2.0-C4-T-I
3514809
K
2m
4.76 x 25mm
Bare Tails
FAA-GSK-4.76-25-NP-2.0-C4-T-I
2816520
K
2m
4.76 x 40mm
Bare Tails
FAA-GSK-4.76-40-NP-2.0-C4-T-I
2816519
K
2m
4.76 x 75mm
Bare Tails
FAA-GSK-4.76-75-NP-2.0-C4-T-I
2816521
K
2m
4.76 x 100mm
Bare Tails
FAA-GSK-4.76-100-NP-2.0-C4-T-I
3514811
J
2m
3.18 x 13mm
Bare Tails
FAE-GSJ-3.18-13-NP-2.0-C4-T-I
2816524
J
2m
3.18 x 25mm
Bare Tails
FAA-GSJ-3.18-25-NP-2.0-C4-T-I
2816522
J
2m
3.18 x 40mm
Bare Tails
FAA-GSJ-3.18-40-NP-2.0-C4-T-I
2816523
J
2m
4 x 13mm
Bare Tails
FAE-GSJ-4.0-13-NP-2.0-C4-T-I
3514804
J
2m
4 x 25mm
Bare Tails
FAA-GSJ-4.0-25-NP-2.0-C4-T-I
2816512
J
2m
4 x 40mm
Bare Tails
FAA-GSJ-4.0-40-NP-2.0-C4-T-I
2816514
J
2m
4.76 x 13mm
Bare Tails
FAE-GSJ-4.76-13-NP-2.0-C4-T-I
3514806
J
2m
4.76 x 25mm
Bare Tails
FAA-GSJ-4.76-25-NP-2.0-C4-T-I
3514807
J
2m
4.76 x 40mm
Bare Tails
FAA-GSJ-4.76-40-NP-2.0-C4-T-I
2816516
J
2m
4.76 x 75mm
Bare Tails
FAA-GSJ-4.76-75-NP-2.0-C4-T-I
2816517
J
2m
4.76 x 100mm
Bare Tails
FAA-GSJ-4.76-100-NP-2.0-C4-T-I
2816518



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com