Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1069327 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1069327
Description  Device connector, front mounting - M23-12S2N8AA500S - 1069327
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1069327 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1069327 Datasheet HTML 1Page - PHOENIX CONTACT 1069327 Datasheet HTML 2Page - PHOENIX CONTACT 1069327 Datasheet HTML 3Page - PHOENIX CONTACT 1069327 Datasheet HTML 4Page - PHOENIX CONTACT 1069327 Datasheet HTML 5Page - PHOENIX CONTACT 1069327 Datasheet HTML 6Page - PHOENIX CONTACT 1069327 Datasheet HTML 7Page - PHOENIX CONTACT 1069327 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
https://www.phoenixcontact.com/gb/products/1069327
01/18/2022   Page 4 / 8
Device connector, front mounting - M23-12S2N8AA500S - 1069327
Diagram
0 10 20 30 40 50 60 70 80 90 100 110120 130
0
5
10
15
= 12x1,0 mm2
[°C]
I = current strength, ϑ = ambient temperature, 12x 8 A
Dimensional drawing
26,9
41,4
M23x1
25,6
19,8
192°
138°
Technical drawings can be found under Downloads
Classifications
eCl@ss
eCl@ss 10.0.1
27440109
eCl@ss 11.0
27440109
eCl@ss 9.0
27440103
UNSPSC
UNSPSC 18.0
39121413
UNSPSC 19.0
39121413
UNSPSC 20.0
39121413
UNSPSC 21.0
39121413
Approvals
Approvals



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com