Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1069327 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1069327
Description  Device connector, front mounting - M23-12S2N8AA500S - 1069327
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1069327 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1069327 Datasheet HTML 1Page - PHOENIX CONTACT 1069327 Datasheet HTML 2Page - PHOENIX CONTACT 1069327 Datasheet HTML 3Page - PHOENIX CONTACT 1069327 Datasheet HTML 4Page - PHOENIX CONTACT 1069327 Datasheet HTML 5Page - PHOENIX CONTACT 1069327 Datasheet HTML 6Page - PHOENIX CONTACT 1069327 Datasheet HTML 7Page - PHOENIX CONTACT 1069327 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
https://www.phoenixcontact.com/gb/products/1069327
01/18/2022   Page 2 / 8
Device connector, front mounting - M23-12S2N8AA500S - 1069327
Technical data
Standards and Regulations
• WARNING: Commission properly functioning products only. The
products must be regularly inspected for damage. Decommission
defective products immediately. Replace damaged products. Repairs
are not possible.
• WARNING: Only electrically qualified personnel may install and
operate the product. They must observe the following safety notes.
The qualified personnel must be familiar with the basics of electrical
engineering. They must be able to recognize and prevent danger. The
relevant symbol on the packaging indicates that only personnel familiar
with electrical engineering are allowed to install and operate the product.
• The products are suitable for applications in plant, controller, and
electrical device engineering.
• When operating the connectors in outdoor applications, they must be
separately protected against environmental influences.
• Assembled products may not be manipulated or improperly opened.
• Only use mating connectors that are specified in the technical data
of the standards listed (e.g. the ones listed in the product accessories
online at phoenixcontact.com/products).
• When using the product in direct connection with third-party
manufacturers, the user is responsible.
• For operating voltages > 50 V AC, conductive connector housings must
be grounded
• Ensure that the protective or functional ground has been properly
connected.
• VDE 0100/1.97 § 411.1.3.2 and DIN EN 60 204/11.98 § 14.1.3 are
applicable when combining several circuits in a cable and/or connector
• Only use tools recommended by Phoenix Contact
• The installation notes/Design In documents online on the download
page at phoenixcontact.com/products must be observed for this product.
• Operate the connector only when it is fully plugged in and interlocked.
• Ensure that when laying the cable, the tensile load on the connectors
does not exceed the upper limit specified in the standards.
• Observe the minimum bending radius of the cable. Lay the cable
without twisting it.
• The connector warms up in normal operation. Depending on the
ambient conditions, the surface of the connector can continue to warm
up. In this case, the user is responsible for posting warnings (e.g. DIN
EN ISO 13732-1:2008-12).
Data of the insulating body
Note
Order information: Order crimp contacts Ø 1 mm separately
Coding
N
Insulator material
PA 6.6
Contact connection method
Crimp connection
Type of contacts
Socket
Application
Signal
Number of positions
12
Direction of rotation
Counter direction
Contact diameter of signal contacts
1 mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com