Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1027607 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1027607
Description  Accessories - MCC 0,5-MP AU 0,14-0,5 R - 1013420
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1027607 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1027607 Datasheet HTML 1Page - PHOENIX CONTACT 1027607 Datasheet HTML 2Page - PHOENIX CONTACT 1027607 Datasheet HTML 3Page - PHOENIX CONTACT 1027607 Datasheet HTML 4Page - PHOENIX CONTACT 1027607 Datasheet HTML 5Page - PHOENIX CONTACT 1027607 Datasheet HTML 6Page - PHOENIX CONTACT 1027607 Datasheet HTML 7Page - PHOENIX CONTACT 1027607 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
https://www.phoenixcontact.com/gb/products/1013420
12/17/2019   Page 1 / 8
Accessories - MCC 0,5-MP AU 0,14-0,5 R - 1013420
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Crimp contact, type of contact: Female connector, connection method: Crimp connection, contact surface:
Gold, Conductor cross section flexible: 0.14 ...0.5 mm² , type of packaging: Taped on roll
Key Commercial Data
Packing unit
5000 pc
Minimum order quantity
5000 pc
GTIN
GTIN
4055626492506
Weight per Piece (excluding packing)
0.060 g
Custom tariff number
85366990
Country of origin
Germany
Technical data
General
Conductor cross section flexible min.
0.14 mm²
Max. conductor cross section, flexible
0.5 mm²
Standards and Regulations
Connection in acc. with standard
EN-VDE
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Classifications
eCl@ss
eCl@ss 4.0
27260700
eCl@ss 4.1
27260700


Similar Part No. - 1027607

ManufacturerPart #DatasheetDescription
logo
SICK AG
1027607 SICK-1027607 Datasheet
958Kb / 7P
LONG RANGE DISTANCE SENSORS
6100-6-2
logo
PHOENIX CONTACT
1027607 PHOENIX-1027607 Datasheet
1Mb / 13P
DMCC 0,5/ 5-ST-2,54
1027607 PHOENIX-1027607 Datasheet
86Kb / 8P
Accessories - MCC 0,5-MP AU 0,34-0,75
12/17/2019
More results

Similar Description - 1027607

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1012271 PHOENIX-1012271 Datasheet
300Kb / 13P
MCC 0,5/ 7-ST-2,54
1012273 PHOENIX-1012273 Datasheet
315Kb / 13P
MCC 0,5/ 9-ST-2,54
1012277 PHOENIX-1012277 Datasheet
337Kb / 13P
MCC 0,5/12-ST-2,54
1012279 PHOENIX-1012279 Datasheet
352Kb / 13P
MCC 0,5/14-ST-2,54
1013778 PHOENIX-1013778 Datasheet
49Kb / 1P
Accessories - PTCM-MP-P 0,14-0,5 R
1013781 PHOENIX-1013781 Datasheet
49Kb / 1P
Accessories - PTCM-MP-P 0,14-0,5
1013988 PHOENIX-1013988 Datasheet
49Kb / 1P
Accessories - PTCM-MP-PI 0,14-0,5 R
1013990 PHOENIX-1013990 Datasheet
48Kb / 1P
Accessories - PTCM-MP-PI 0,14-0,5
1016663 PHOENIX-1016663 Datasheet
82Kb / 9P
Crimp contact - CDC-MP 0,14-0,5-R
10/28/2020
1013420 PHOENIX-1013420 Datasheet
605Kb / 20P
MCC 0,5-MP AU 0,14-0,5 R - Crimp contact
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com