Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1027607 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1027607
Description  Accessories - MCC 0,5-MP AU 0,14-0,5 R - 1013420
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1027607 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1027607 Datasheet HTML 1Page - PHOENIX CONTACT 1027607 Datasheet HTML 2Page - PHOENIX CONTACT 1027607 Datasheet HTML 3Page - PHOENIX CONTACT 1027607 Datasheet HTML 4Page - PHOENIX CONTACT 1027607 Datasheet HTML 5Page - PHOENIX CONTACT 1027607 Datasheet HTML 6Page - PHOENIX CONTACT 1027607 Datasheet HTML 7Page - PHOENIX CONTACT 1027607 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
https://www.phoenixcontact.com/gb/products/1013420
12/17/2019   Page 2 / 8
Accessories - MCC 0,5-MP AU 0,14-0,5 R - 1013420
Classifications
eCl@ss
eCl@ss 5.0
27260700
eCl@ss 5.1
27260700
eCl@ss 6.0
27260700
eCl@ss 7.0
27440309
eCl@ss 8.0
27440204
eCl@ss 9.0
27440204
ETIM
ETIM 5.0
EC000796
ETIM 6.0
EC000796
ETIM 7.0
EC000796
Approvals
Approvals
Approvals
EAC
Ex Approvals
Approval details
EAC 
 
 B.01742
Accessories
Accessories
Crimping tool
Crimping pliers - CRIMPFOX-P CC 0.75 L - 1064998
Crimping pliers, for COMBICON crimp connectors with cross section: 0.14 ... 0.75 mm². Unlockable pressure lock,
precise parallel crimping, front entry, B crimp, incl. 2 positioning aids
 
 
Additional products



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com