Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9180 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS9180
Description  AM Receiver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9180 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS9180 Datasheet HTML 1Page - Micro Analog systems MAS9180 Datasheet HTML 2Page - Micro Analog systems MAS9180 Datasheet HTML 3Page - Micro Analog systems MAS9180 Datasheet HTML 4Page - Micro Analog systems MAS9180 Datasheet HTML 5Page - Micro Analog systems MAS9180 Datasheet HTML 6Page - Micro Analog systems MAS9180 Datasheet HTML 7Page - Micro Analog systems MAS9180 Datasheet HTML 8Page - Micro Analog systems MAS9180 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2 (15)
DA9180.004
15 September, 2005
MAS9180 PAD LAYOUT
PDN
AON
RFIM
RFIP
DEC
VSS
AGC
QI
VDD
QOP
OUT
1474 µµµµm
QOM
MAS9180Ax,
x = 1..5 differential input,
B..F asymmetric input
DIE size = 1.47 x 1.46 mm; PAD size = 80 x 80
µm
Note: Because the substrate of the die is internally connected to VDD, the die has to be connected to VDD or left
floating. Please make sure that VDD is the first pad to be bonded. Pick-and-place and all component assembly
are recommended to be performed in ESD protected area.
Note: Coordinates are pad center points where origin has been located in bottom-left corner of the silicon die.
Pad Identification
Name
X-coordinate
Y-coordinate
Note
Power Supply Voltage
VDD
174
µm
1262
µm
Positive Quartz Filter Output for Crystal
QOP
174
µm
1057
µm
Negative Quartz Filter Output for Crystal
QOM
174
µm
854
µm
4
Quartz Filter Input for Crystal and External
Compensation Capacitor
QI
174
µm
648
µm
AGC Capacitor
AGC
174
µm
444
µm
Receiver Output
OUT
175
µm
240
µm
1
Demodulator Capacitor
DEC
1295
µm
225
µm
AGC On Control
AON
1295
µm
425
µm
2
Power Down
PDN
1295
µm
624
µm
3
Positive Receiver Input
RFIP
1295
µm
825
µm
5
Negative Receiver Input
RFIM
1295
µm
1039
µm
5
Power Supply Ground
VSS
1282
µm
1200
µm
Notes:
1) OUT = VSS when carrier amplitude at maximum; OUT = VDD when carrier amplitude is reduced (modulated)
-
the output is a current source/sink with |IOUT| > 5 µA
-
at power down the output is pulled to VSS (pull down switch)
2) AON = VSS means AGC off (hold current gain level); AON = VDD means AGC on (working)
-
Internal pull-up with current < 1
µA which is switched off at power down
3) PDN = VSS means receiver on; PDN = VDD means receiver off
Fast start-up is triggered when the receiver is after power down (PDN=VDD) controlled to power up
(PDN=VSS) i.e. at the falling edge of PDN signal.
4) External crystal compensation capacitor pin QOM is connected only in MAS9190A5 and AF versions. It is left
unconnected in MAS9180A1 and AB..E versions which have internal compensation capacitor.
5) Differential input versions A1..A5 have 600 k
Ω biasing MOSFET-transistors towards ground from both
receiver inputs RFIP and RFIM. Asymmetric input versions AB..AF have input pin RFIM unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com