Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9180 Datasheet(PDF) 10 Page - Micro Analog systems

Part # MAS9180
Description  AM Receiver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9180 Datasheet(HTML) 10 Page - Micro Analog systems

Back Button MAS9180 Datasheet HTML 6Page - Micro Analog systems MAS9180 Datasheet HTML 7Page - Micro Analog systems MAS9180 Datasheet HTML 8Page - Micro Analog systems MAS9180 Datasheet HTML 9Page - Micro Analog systems MAS9180 Datasheet HTML 10Page - Micro Analog systems MAS9180 Datasheet HTML 11Page - Micro Analog systems MAS9180 Datasheet HTML 12Page - Micro Analog systems MAS9180 Datasheet HTML 13Page - Micro Analog systems MAS9180 Datasheet HTML 14Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10 (15)
DA9180.004
15 September, 2005
PIN CONFIGURATION & TOP MARKING FOR PLASTIC TSSOP-16 PACKAGE
QOP
VDD
QOM
NC
QI
AGC
NC
OUT
NC
VSS
RFIM
RFIP
NC
PDN
AON
DEC
Top Marking Definitions:
z = Version Number
YYWW = Year Week
PIN DESCRIPTION
Pin Name
Pin
Type
Function
Note
VDD
1
P
Positive Power Supply
QOP
2
AO
Positive Quartz Filter Output for Crystal
QOM
3
AO
Negative Quartz Filter Output for
External Compensation Capacitor or
Second Crystal
5
NC
4
1
QI
5
AI
Quartz Filter Input for Crystal and
External Compensation Capacitor
AGC
6
AO
AGC Capacitor
NC
7
OUT
8
DO
Receiver Output
2
DEC
9
AO
Demodulator Capacitor
AON
10
DI
AGC On Control
3
PDN
11
DI
Power Down Input
4
NC
12
RFIP
13
AI
Positive Receiver Input
6
NC
14
RFIM
15
AI
Negative Receiver Input
6
VSS
16
G
Power Supply Ground
A = Analog, D = Digital, P = Power, G = Ground, I = Input, O = Output, NC = Not Connected
Notes:
1) Pin 4 between quartz crystal filter pins must be connected to VSS to eliminate package leadframe parasitic
capacitances disturbing the crystal filter performance. All other NC (Not Connected) pins are also
recommended to be connected to VSS to minimize noise coupling.
2) OUT = VSS when carrier amplitude at maximum; OUT = VDD when carrier amplitude is reduced (modulated)
-
the output is a current source/sink with |IOUT| > 5 µA
-
at power down the output is pulled to VSS (pull down switch)
3) AON = VSS means AGC off (hold current gain level); AON = VDD means AGC on (working)
-
Internal pull-up (to AGC on) with current < 1
µA which is switched off at power down
4) PDN = VSS means receiver on; PDN = VDD means receiver off
-
Fast start-up is triggered when the receiver is after power down (PDN=VDD) controlled to power up
(PDN=VSS) i.e. at the falling edge of PDN signal.
5) External crystal compensation capacitor pin QOM is connected only in MAS9190A5 and AF versions. It is left
unconnected in MAS9180A1 and AB..E versions which have internal compensation capacitor.
6) Differential input versions A1..A5 have 600 k
Ω biasing MOSFET-transistors towards ground from both
receiver inputs RFIP and RFIM. Asymmetric input versions AB..AF have input pin RFIM unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com