Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD84002 Datasheet(PDF) 7 Page - STMicroelectronics

Part # PD84002
Description  RF power transistor The LdmoST plastic family
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD84002 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PD84002 Datasheet HTML 3Page - STMicroelectronics PD84002 Datasheet HTML 4Page - STMicroelectronics PD84002 Datasheet HTML 5Page - STMicroelectronics PD84002 Datasheet HTML 6Page - STMicroelectronics PD84002 Datasheet HTML 7Page - STMicroelectronics PD84002 Datasheet HTML 8Page - STMicroelectronics PD84002 Datasheet HTML 9Page - STMicroelectronics PD84002 Datasheet HTML 10Page - STMicroelectronics PD84002 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
PD84002
RF curves
7/16
5
RF curves
Figure 7.
Output power and efficiency vs
frequency 7.2 V / 100 mA /
Pin = 19 dBm
Figure 8.
Gain vs frequency 7.2 V - 100 mA
Figure 9.
Input return loss vs frequency
7.2 V / 100 mA
Figure 10.
Harmonics vs frequency
7.2 V / 100 mA
Figure 11.
Output power and efficiency vs
frequency
9 V / 100 mA / Pin = 22 dBm
0
1
2
3
4
5
820
840
860
880
900
920
940
960
980 1000
Freq (MHz)
20
30
40
50
60
70
Pout
Eff
7.2V 100mA
8
10
12
14
16
18
820
840
860
880
900
920
940
960
980
1000
Freq (MHz)
Pin = 19dBm
-35
-30
-25
-20
-15
-10
-5
0
820
840
860
880
900
920
940
960
980
1000
Freq (MHz)
Pin=19 dBm
-80
-70
-60
-50
-40
-30
-20
-10
0
820
840
860
880
900
920
940
960
980
1000
Freq (MHz)
H2
H3
0
1
2
3
4
5
6
7
820
840
860
880
900
920
940
960
980
1000
Freq (MHz)
0
10
20
30
40
50
60
70
Pout
Id



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com