Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD84002 Datasheet(PDF) 9 Page - STMicroelectronics

Part # PD84002
Description  RF power transistor The LdmoST plastic family
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD84002 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PD84002 Datasheet HTML 5Page - STMicroelectronics PD84002 Datasheet HTML 6Page - STMicroelectronics PD84002 Datasheet HTML 7Page - STMicroelectronics PD84002 Datasheet HTML 8Page - STMicroelectronics PD84002 Datasheet HTML 9Page - STMicroelectronics PD84002 Datasheet HTML 10Page - STMicroelectronics PD84002 Datasheet HTML 11Page - STMicroelectronics PD84002 Datasheet HTML 12Page - STMicroelectronics PD84002 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
PD84002
Photo
9/16
7
Photo
Figure 13.
Photo
Component ID
Description
Value
Case size
Manufacturer
Part Code
TL1
Transmission
line
W=0.92 mm
L=13.6 mm
TL2
Transmission
line
W=0.92 mm
L=3.5 mm
TL3
Transmission
line
W=0.92 mm
L=4.2 mm
TL4
Transmission
line
W=0.92 mm
L=3.8 mm
TL5
Transmission
line
W=0.92 mm
L=3.7 mm
TL6
Transmission
line
W=0.92 mm
L=11.3 mm
RF in, RF out
SMA-CONN
50
Ω
60 mils
JOHNSON
142-0701-801
PD84002
LDMOS
STMicroelectronics
PD84002
Board
FR-4 THk=0.020" 2OZ Cu Both Sides
Table 8.
Components part list (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com