Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM4T33CA Datasheet(PDF) 3 Page - STMicroelectronics

Part # SM4T33CA
Description  TRANSIL
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM4T33CA Datasheet(HTML) 3 Page - STMicroelectronics

  SM4T33CA Datasheet HTML 1Page - STMicroelectronics SM4T33CA Datasheet HTML 2Page - STMicroelectronics SM4T33CA Datasheet HTML 3Page - STMicroelectronics SM4T33CA Datasheet HTML 4Page - STMicroelectronics SM4T33CA Datasheet HTML 5Page - STMicroelectronics SM4T33CA Datasheet HTML 6Page - STMicroelectronics SM4T33CA Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
143
Note 1 :
Note 2 :
Note 3 :
Note 4 :
For surges greater than the maximum values,
the diode will present a short-circuit Anode - Cathode.
Pulse test: TP < 50 ms.
∆VBR = αT * (Ta - 25) * VBR(25°C).
VR = 0 V, F = 1 MHz. For bidirectional types,
capacitance value is divided by 2.
All parameters tested at 25
°C, except where indicated.
* = Marking
0
0%
20
40
60
80
100 %
%
%
%
%
20
40
60
80
100 120 140 160 180 200
Tamb (˚c)
Peak Power
(on printed circuit).
Average Power
(on infinite heatsink).
Figure 1: Power dissipation derating versus
ambient temperature
10 s
1000 s
%I PP
50
0
t
PULSE WAVEFORM 10/1000
s
100
TYPES
IRM @ VRM
VBR
@
IR
VCL @ IPP VCL @ IPP
αTC
max
min nom max
max
max
max
typ
note2
10/1000
µs8/20µs
note3
note4
Uni
directional
*
Bi
directional
*
µA
V
V
V
V
mA
VA
VA
10-4/
°C(PF)
SM4T68
SM4T68A
SM4T100
SM4T100A
SM4T150
SM4T150A
SM4T200
SM4T200A
SM4T220
SM4T220A
SN
SP
SW
SX
TH
TK
TS
TT
TU
TV
SM4T68C
SM4T68CA
SM4T100C
SM4T100CA
SM4T150C
SM4T150CA
SM4T200C
SM4T200CA
SM4T220C
SM4T220CA
WN
WP
WW
WX
XH
XK
XS
XT
XU
XV
5
5
5
5
5
5
5
5
5
5
58.1
58.1
85.5
85.5
128
128
171
171
188
188
64.6
64.6
95.0
95.0
143
143
190
190
209
209
68
68
100
100
150
150
200
200
220
220
74.8
71.4
110
105
165
158
220
210
242
231
1
1
1
1
1
1
1
1
1
1
92
92
137
137
207
207
274
274
328
328
4.3
4.3
2.9
2.9
2.0
2.0
1.5
1.5
1.4
1.4
121
121
178
178
265
265
353
353
388
388
19
19
13
13
9
9
6.5
6.5
6
6
10.4
10.4
10.6
10.6
10.8
10.8
10.8
10.8
10.8
10.8
270
270
200
200
145
145
120
120
110
110
SM4Txx
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com