Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM4T33CA Datasheet(PDF) 5 Page - STMicroelectronics

Part # SM4T33CA
Description  TRANSIL
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM4T33CA Datasheet(HTML) 5 Page - STMicroelectronics

  SM4T33CA Datasheet HTML 1Page - STMicroelectronics SM4T33CA Datasheet HTML 2Page - STMicroelectronics SM4T33CA Datasheet HTML 3Page - STMicroelectronics SM4T33CA Datasheet HTML 4Page - STMicroelectronics SM4T33CA Datasheet HTML 5Page - STMicroelectronics SM4T33CA Datasheet HTML 6Page - STMicroelectronics SM4T33CA Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ZTH j-a ( ˚C/W )
0.01
0.1
1
10
100
1000
1
10
100
Figure 6 : Transient thermal impedance
junction-ambient versus pulse duration. For a
mounting on PC Board with standard footprint
dimensions.
Figure 5 : Peak forward voltage drop versus
peak forward current (typical values for
unidirectional types).
C (pF)
1
10
100
10
100
1000
10000
V(V)
R
Tj = 25˚C
f=1MHz
SM4T6V8CA
SM4T 15CA
SM4T 30CA
SM4T 68CA
SM4T 220CA
Figure 4b : Capacitance versus reverse applied
voltage for bidirectional types (typical values)
C (pF)
1
10
100
10
100
1000
10000
V(V)
R
Tj = 25˚C
f=1MHz
SM4T6V8
A
SM4T15A
SM4T30A
SM4T68A
SM4T220A
Figure 4a : Capacitance versus reverse applied
voltage for unidirectional types (typical values).
SM4Txx
5/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com