Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

596 Datasheet(PDF) 1 Page - Dialight Corporation

Part # 596
Description  1.6mm Round Lens, 20 mA and 2 mA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

596 Datasheet(HTML) 1 Page - Dialight Corporation

  596 Datasheet HTML 1Page - Dialight Corporation 596 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.dialightsignalsandcomponents.com
More Ordering Information >
596 Series Prism® Surface Mount LED
1.6mm Round Lens, 20mA and 2mA
Ø 12.992
[330.0]
Label; Q=500 pcs
1.197 [30.4]
max at hub
Ø 3.937
[100.0]
Ø .512 [13.0]
Tape and Reel
13" Reel
.365
±
.010
.011
[9.27]
± 0.25
0.27
.130
±
.005
.000
[3.3]
± 0.12
0.00
Soldering pad layout and reflow profiles shown on reverse >
.105
± .010
[2.67]
± 0.25
LED lead soldering surface A
.011 [.229] max above surface A
.100
± .010
[2.54]
± 0.25
.003 [.76] min above surface A
.375
± .005
[9.53]
± 0.12
.110
[2.79]
3.25
± .015
[8.26]
± 0.38
.150
[3.81]
0.940 [23.9]
1.079 [27.4]
POSITION 1
POSITION 2
POSITION 1
.150
[3.81]
POSITION 2
Part Number Guide
RoHS Compliant
5 9 6 - X X
X X - 0 X X F
Packaging Option
0
2 10 pc tape
Colors
1
3 13" reel
/ 500 pcs
Position 1
Position 2
(20 mA)
 Red
2
0
2
0  Red
 Red
2
0
2
3  Yellow-Green
 Yellow-Green
2
3
2
3  Yellow-Green
 Yellow-Green
2
3
2
4  Yellow
 Yellow-Green
2
3
2
6  Blue
 Yellow
2
4
2
0  Red
 Yellow
2
4
2
3  Yellow-Green
 Yellow
2
4
2
4  Yellow
 Yellow
2
4
2
9  Green
 Orange
2
5
2
5  Orange
 Blue
2
6
2
6  Blue
 Green
2
9
2
6  Blue
 Green
2
9
2
9  Green
(2 mA)
 Red
1
0
1
0  Red
 Yellow
1
4
1
4  Yellow
 Orange
1
5
1
5  Orange
 Ice Blue
1
6
1
6  Ice Blue
 White
1
8
1
8 
 White
Certifications & Ratings
• RoHS and REACH compliant
Features & Benefits
• Compatible with automatic placement equipment.
• Packaged in 16 mm tape, 13" reel (500 pcs/reel)
and 10 piece sample strips.
• Compatible with surface mount reflow soldering processes.
• Housing material meets UL-94V-0 flammability ratings.
• Design provides increased indication without increased space
• Helps eliminate mixed technology PC board processing..
• Packaged in moisture barrier bags for dry packaging per
IPC/JEDEC J-STD-033, MSL2 for 2 mA, MSL3 for 20 mA
.079
[2.0]
.157
[4]
0.400 [10.5]
Ø.059
[1.5]
.472 [12.0]
.945
[24.0]
Feed Direction
Cathole
Dimensions
inches [mm]


Similar Part No. - 596

ManufacturerPart #DatasheetDescription
logo
Littelfuse
596 LITTELFUSE-596 Datasheet
216Kb / 1P
MINIATURE FUSEHOLDERS
logo
Tyco Electronics
596 MACOM-596 Datasheet
1Mb / 8P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
logo
Littelfuse
596 LITTELFUSE-596 Datasheet
581Kb / 1P
Cartridge Fuse Holders Enclosed Fuseholders > Circuit Board Mounted
06/04/15
logo
HellermannTyton.
596-00056 HELLERMANNTYTON-596-00056 Datasheet
1Mb / 41P
Wire and Cable Markers
596-00057 HELLERMANNTYTON-596-00057 Datasheet
1Mb / 41P
Wire and Cable Markers
More results

Similar Description - 596

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD420 AD-AD420 Datasheet
144Kb / 11P
Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV.F
logo
Agilent(Hewlett-Packard...
HCPL-4100 HP-HCPL-4100 Datasheet
220Kb / 12P
Optically Coupled 20 mA Optically Coupled 20 mA
logo
Analog Devices
AD421BNZ AD-AD421BNZ Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421BRZRL AD-AD421BRZRL Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421_15 Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
logo
PHOENIX CONTACT
2742748 PHOENIX-2742748 Datasheet
201Kb / 6P
Inline analog input terminal, without accessories, 8 inputs, 0-20 mA, 4-20 mA, 0-40 mA, 짹20 mA, 짹40 mA, 2 and 3-wire connection method
logo
WAGO Kontakttechnik Gmb...
753-554 WAGO-753-554 Datasheet
577Kb / 12P
2-channel analog output; 4 ??20 mA
750-554 WAGO-750-554 Datasheet
550Kb / 12P
2-channel analog output; 4 ??20 mA
750-552 WAGO-750-552 Datasheet
525Kb / 12P
2-channel analog output; 0 ??20 mA
753-552 WAGO-753-552 Datasheet
570Kb / 12P
2-channel analog output; 0 ??20 mA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com