Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

596 Datasheet(PDF) 2 Page - Dialight Corporation

Part # 596
Description  1.6mm Round Lens, 20 mA and 2 mA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

596 Datasheet(HTML) 2 Page - Dialight Corporation

  596 Datasheet HTML 1Page - Dialight Corporation 596 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.dialightsignalsandcomponents.com
Dialight reserves the right to make changes at any time in order to supply the best product possible. The most current version of this document will always be available at:
www.dialightsignalsandcomponents.com
Warranty Statement: Except for the warranty expressly provided for [herein/above/below], Dialight disclaims any and all other warranties, express or implied, including, without limitation, any warranties of merchantability, fitness
for a particular purpose, title, and noninfringement.
Dialight_CBI-Prism_data_596_Sept2021
Electrical/Optical Characteristics
Luminous
Intensity
(mcd)
Dominant
Wavelength
Forward
Voltage
Viewing
Angle
(°deg.)
Reverse
Current
Intensity
(µA)
Dialight P/N
Emitted Color
Material
If = 20mA
10-Piece Tape
13" Reel, 500 pcs
Position 1
Position 2
Typ
Typ
Max
(Ir)VR=5V
596-2020-002F
596-2020-013F  Red
 Red
AllnGaP
1.8
2.4
30
10
596-2023-002F
596-2023-013F  Red
 Yellow-Green
1.8
2.4
596-2323-002F
596-2323-013F  Yellow-Green  Yellow-Green
1.8
2.4
596-2324-002F
596-2324-013F  Yellow-Green  Yellow
1.8
2.4
596-2326-002F
596-2326-013F  Yellow-Green  Blue
AllGaP/ InGaN
1.8 / 2.8 2.4 / 3.3
596-2420-002F
596-2420-013F  Yellow
 Red
1.-8
2.-4
596-2423-002F
596-2423-013F  Yellow
 Yellow-Green
AllnGaP
1.-8
2.4
596-2424-002F
596-2424-013F  Yellow
 Yellow
1.-8
2.-4
596-2429-002F
596-2429-013F  Yellow
 Green
1.8 / 2.8 2.4 / 3.3
596-2525-002F
596-2525-013F  Orange
 Orange
AllnGaP
1.-8
2.-4
596-2626-002F
596-2626-013F  Blue
 Blue
2.8
3.3
596-2926-002F
596-2926-013F  Green
 Blue
InGaN
140 20
525 470
2.8
3.3
596-2929-002F
596-2929-013F  Green
 Green
2.8
3.3
.039
TYP
[0.99]
.044 Hole
[1.12]
( 4 PLCS)
Reflow Profile
60 sec
60 sec (min)
120 sec (max)
Pre-heat: ∆T: 150–200°C
Total Time to Peak temp < 8 min.
ramp up
3°C/sec (max)
ramp down
3 °C / sec
(max)
TL = 217°C
Tsmax = 200°C
Tsmin=
150°C
250
200
150
25
Temp °C
Time
Tpeak=
260 °C 20 mA
245 °C 2 mA
Tpeak=
260 °C 20 mA
245 °C 2 mA
max time at peak =
10 sec 20 mA
20 sec 2 mA
max time
above 217 °C =
60 sec 20 mA
80 sec 2 mA
.150
[3.81]
.090
[2.29]
Soldering Pad Layout
Absolute Maximum Ratings
@ Ts=25°C
If = 20 mA
If = 2 mA
Power
Dissipation (mW)
R, Y, YG
48
–
O
60
G
70
Forward Current
(mA)
all
20
R, O, Y, 
W
20
IB
15
Peak Pulse
Fwd Current (mA)
R, Y, YG, G
100
R, O, Y
100
O
80
IB
150
W
200
Reverse
Voltage (V)
all
5
R, O, Y
12
IB, 
W
5
Operating
Temp (°C)
-40°C to +85°C
-40°C to +100°C
Storage
Temp (°C)
-40°C to +100°C
ESD Volt
(HBM)
>2000
.343
[8.71]
.031
[0.79]
.094
[2.38]
.105
[3.68]
Typ
10 mA
3
3
3
20
20
17
140
20
625
525
470
605
590
3
20
20
35
3
17
525
.110
[2.79]
(2 PLCS)
570
590
470
525
570
InGaN
AllnGaP/InGaN
AllnGaP/InGaN
625
3
35
596-1010-013F
596-1010-013F  Red
 Red
AllnGaP
26
26
624
630
635
1.7
2.2
30
10
596-1414-013F
596-1414-013F  Yellow
 Yellow
5
5
600
606
609
1.7
2.2
596-1515-013F
596-1515-013F  Orange
 Orange
5.5 5.5
580
587
595
1.7
2.2
596-1616-013F
596-1616-013F  Ice Blue
 Ice Blue
InGaN
6.5 6.5
Typ
2.5
3.1
x=0.2, y=0.3
596-1818-013F
596-1818-013F 
 White
 White
9.3 9.3
x=0.33, y=0.33
2.5
3.1
10 If=mA
If = 2 mA
Min
Typ
Max
Typ
Max
Typ (mcd)
140 140
625
570
590
525
470
20
20
605
20
20
35
35
570
570
590
590
590
470
630
570



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com