Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10R172LT1 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST10R172LT1
Description  16-BIT LOW VOLTAGE ROMLESS MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R172LT1 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST10R172LT1 Datasheet HTML 9Page - STMicroelectronics ST10R172LT1 Datasheet HTML 10Page - STMicroelectronics ST10R172LT1 Datasheet HTML 11Page - STMicroelectronics ST10R172LT1 Datasheet HTML 12Page - STMicroelectronics ST10R172LT1 Datasheet HTML 13Page - STMicroelectronics ST10R172LT1 Datasheet HTML 14Page - STMicroelectronics ST10R172LT1 Datasheet HTML 15Page - STMicroelectronics ST10R172LT1 Datasheet HTML 16Page - STMicroelectronics ST10R172LT1 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
13/68
ST10R172L - CENTRAL PROCESSING UNIT
4
CENTRAL PROCESSING UNIT
The main core of the CPU contains a 4-stage instruction pipeline, a separate multiply and
divide unit, a bit-mask generator and a barrel shifter. Most instructions can be executed in one
machine cycle requiring 40ns at 50MHz CPU clock.
The CPU includes an actual register context consisting of 16 wordwide GPRs physically
located in the on-chip RAM area. A Context Pointer (CP) register determines the base
address of the active register bank to be accessed by the CPU. The number of register banks
is only restricted by the available internal RAM space. For easy parameter passing, one
register bank may overlap others.
A system stack of up to 1024 bytes is provided as a storage for temporary data. The system
stack is allocated in the on-chip RAM area, and it is accessed by the CPU via the stack pointer
(SP) register. Two separate SFRs, STKOV and STKUN, are compared against the stack
pointer value during each stack access to detect stack overflow or underflow.
Figure 4 CPU block diagram
16
16
Internal
RAM
1KByte
R15
R0
General
Purpose
Registers
R0
R15
MDH
MDL
Barrel-Shift
Mul./Div.-HW
Bit-Mask Gen.
ALU
16-Bit
Context Ptr
ADDRSEL 1
ADDRSEL 2
ADDRSEL 3
ADDRSEL 4
Code Seg. Ptr.
CPU
IDX0
IDX1
QX1
QX0
QR0
QR1
SP
STKOV
STKUN
Exec. Unit
Instr. Ptr
Instr. Reg
4-Stage
Pipeline
PSW
SYSCON
BUSCON 0
BUSCON 1
BUSCON 2
BUSCON 3
BUSCON 4
Data Pg. Ptrs
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com