Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10R172LT1 Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST10R172LT1
Description  16-BIT LOW VOLTAGE ROMLESS MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R172LT1 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST10R172LT1 Datasheet HTML 35Page - STMicroelectronics ST10R172LT1 Datasheet HTML 36Page - STMicroelectronics ST10R172LT1 Datasheet HTML 37Page - STMicroelectronics ST10R172LT1 Datasheet HTML 38Page - STMicroelectronics ST10R172LT1 Datasheet HTML 39Page - STMicroelectronics ST10R172LT1 Datasheet HTML 40Page - STMicroelectronics ST10R172LT1 Datasheet HTML 41Page - STMicroelectronics ST10R172LT1 Datasheet HTML 42Page - STMicroelectronics ST10R172LT1 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
39/68
ST10R172L - ELECTRICAL CHARACTERISTICS
Prescaler operation
Set when pins P0.15-13 (P0H.7-5) equal ’001’ during reset, the CPU clock is derived from the
internal oscillator (input clock signal) by a 2:1 prescaler.
The frequency of fCPU is half the frequency of fXTAL and the high and low time of fCPU (i.e. the
duration of an individual TCL) is defined by the period of the input clock fXTAL.
The timings listed in the AC characteristics that refer to TCLs therefore can be calculated
using the period of fXTAL for any TCL.
Note that if the bit OWDDIS in SYSCON register is cleared, the PLL runs on its free-running
frequency and delivers the clock signal for the Oscillator Watchdog. If bit OWDDIS is set, then
the PLL is switched off.
Direct drive
When pins P0.15-13 (P0H.7-5) equal ’011’ during reset, the on-chip phase locked loop is
disabled and the CPU clock is driven from the internal oscillator with the input clock signal.
The frequency of fCPU directly follows the frequency of fXTAL so the high and low time of fCPU
(i.e. the duration of an individual TCL) is defined by the duty cycle of the input clock fXTAL.
The TCL timing below must be calculated using the minimum possible TCL which can be
calculated by the formula:
For two consecutive TCLs the deviation caused by the duty cycle of fXTAL is compensated so
the duration of 2TCL is always 1/fXTAL. Therefore, the minimum value TCLmin has to be used
only once for timings that require an odd number of TCLs (1,3,...). Timings that require an
even number of TCLs (2,4,...) may use the formula:
.
100
F
XTAL * 5
2 to 10 MHz
011
F
XTAL * 1
1 to 50 MHz
Direct drive 1)
010
F
XTAL * 1.5
6.66 to 33.33 MHz
001
F
XTAL / 2
2 to 100 MHz
CPU clock via 2:1 prescaler
000
F
XTAL * 2.5
4 to 20 MHz
1) The maximum depends on the duty cycle of the external clock signal. The maxi-
mum input frequency is 25 MHz when using an external crystal oscillator, but
higher frequencies can be applied with an external clock source.
P0.15-13 (P0H.7-5)
CPU frequency
fCPU = fXTAL * F
External clock
input range 10-
50MHz
Notes
Table 12 CPU clock generation mechanisms
TCL
min
1 f
XTAL
⁄
DC
min
×
DC
(
=
duty cycle
)
=
2TCL
1 f
XTAL
⁄
=
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com