Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG5223 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STG5223
Description  Low voltage 0.5 Ω dual SPDT switch with break-before-make
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG5223 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STG5223 Datasheet HTML 8Page - STMicroelectronics STG5223 Datasheet HTML 9Page - STMicroelectronics STG5223 Datasheet HTML 10Page - STMicroelectronics STG5223 Datasheet HTML 11Page - STMicroelectronics STG5223 Datasheet HTML 12Page - STMicroelectronics STG5223 Datasheet HTML 13Page - STMicroelectronics STG5223 Datasheet HTML 14Page - STMicroelectronics STG5223 Datasheet HTML 15Page - STMicroelectronics STG5223 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Test circuit
STG5223
12/19
Figure 7.
Channel-to-channel crosstalk
1.
CL = 5/35 pF or equivalent (includes jig and probe capacitance)
2.
RL =50 Ω or equivalent
3.
RT =ZOUT of pulse generator (typically 50 Ω)
Figure 8.
Test circuit
CS14091



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com