Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG5223 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STG5223
Description  Low voltage 0.5 Ω dual SPDT switch with break-before-make
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG5223 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STG5223 Datasheet HTML 9Page - STMicroelectronics STG5223 Datasheet HTML 10Page - STMicroelectronics STG5223 Datasheet HTML 11Page - STMicroelectronics STG5223 Datasheet HTML 12Page - STMicroelectronics STG5223 Datasheet HTML 13Page - STMicroelectronics STG5223 Datasheet HTML 14Page - STMicroelectronics STG5223 Datasheet HTML 15Page - STMicroelectronics STG5223 Datasheet HTML 16Page - STMicroelectronics STG5223 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
STG5223
Test circuit
13/19
Figure 9.
Break-before-make time delay
Figure 10. Charge injection (VGEN =0, RGEN =0 Ω, RL =1MΩ, CL = 100 pF)
Figure 11. Turn on, turn off delay time
S1
S2
VCC
D
R
L
C
L
VOUT
GND
V
IN
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com